Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-NSMF012 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-NSMF012
Description  PTC Resettable Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-NSMF012 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-NSMF012 Datasheet HTML 1Page - Bourns Electronic Solutions MF-NSMF012 Datasheet HTML 2Page - Bourns Electronic Solutions MF-NSMF012 Datasheet HTML 3Page - Bourns Electronic Solutions MF-NSMF012 Datasheet HTML 4Page - Bourns Electronic Solutions MF-NSMF012 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MF-NSMF Series - PTC Resettable Fuses
A
B
C
Top and Bottom View
Side View
D
Top View
Style 2
Style 1
Bottom View
Side View
Recommended Pad Layout
2
A
B
D
C
1.6 ± 0.10
(.063 ± .004)
2.0 ± 0.10
(.079 ± .004)
Recommended Pad Layout
1.6 ± 0.1
(0.063 ± .004)
2.0 ± 0.1
(.079 ± .004)
1.0 ± 0.05
(.039 ± .002)
1.0 ± 0.05
(.039 ± .002)
1.0 ± 0.05
(.039 ± .002)
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Model
AB
C
D
Style
Min.
Max.
Min.
Max.
Min.
Max.
Min.
MF-NSMF012
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.70
(0.028)
1.10
(0.043)
0.25
(0.010)
1
MF-NSMF020
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.48
(0.019)
0.85
(0.033)
0.25
(0.010)
1
MF-NSMF020X
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.40
(0.016)
0.85
(0.033)
0.25
(0.010)
2
MF-NSMF035
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.48
(0.019)
0.85
(0.033)
0.25
(0.010)
1
MF-NSMF035X
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.40
(0.016)
0.85
(0.033)
0.25
(0.010)
2
MF-NSMF050
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.48
(0.019)
0.85
(0.033)
0.25
(0.010)
1
MF-NSMF075
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.40
(0.016)
0.70
(0.028)
0.25
(0.010)
1
MF-NSMF110
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.40
(0.016)
0.70
(0.028)
0.25
(0.010)
1
MF-NSMF150
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.40
(0.016)
0.70
(0.028)
0.25
(0.010)
1
MF-NSMF200
3.00
(0.118)
3.50
(0.138)
1.40
(0.055)
1.80
(0.071)
0.70
(0.028)
1.60
(0.063)
0.25
(0.010)
1
Packaging: 3000 pcs. per reel.
Terminal material:
Electroless Ni under immersion Au
Termination pad solderability:
Standard Au finish:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-NSMF Series - PTC Resettable Fuses


Similar Part No. - MF-NSMF012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-NSMF012 BOURNS-MF-NSMF012 Datasheet
281Kb / 4P
   MF-NSMF Series - PTC Resettable Fuses
MF-NSMF012 BOURNS-MF-NSMF012 Datasheet
493Kb / 5P
   PTC Resettable Fuses
MF-NSMF012-2 BOURNS-MF-NSMF012-2 Datasheet
281Kb / 4P
   MF-NSMF Series - PTC Resettable Fuses
More results

Similar Description - MF-NSMF012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
   PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030_16 Datasheet
379Kb / 4P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com