Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-LSMF18533-2 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-LSMF18533-2
Description  PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-LSMF18533-2 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-LSMF18533-2 Datasheet HTML 1Page - Bourns Electronic Solutions MF-LSMF18533-2 Datasheet HTML 2Page - Bourns Electronic Solutions MF-LSMF18533-2 Datasheet HTML 3Page - Bourns Electronic Solutions MF-LSMF18533-2 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
MF-LSMF Series - PTC Resettable Fuses
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 ˚C
-20 ˚C
0 ˚C
23 ˚C
40 ˚C
50 ˚C
60 ˚C
70 ˚C
85 ˚C
MF-LSMF185/33X
2.80
2.47
2.17
1.85
1.54
1.39
1.22
1.07
0.85
MF-LSMF260X
3.75
3.35
3.00
2.60
2.35
2.15
2.05
1.80
1.30
MF-LSMF300X
4.53
4.02
3.51
3.00
2.52
2.26
1.99
1.75
1.34
MF-LSMF300/24X
4.00
3.55
3.20
3.00
2.50
2.25
2.15
1.85
1.50
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)
Solder Reflow Recommendations
Notes:
MF-LSMF models cannot be wave soldered. Please contact Bourns for hand soldering
recommendations.
If reflow temperatures exceed the recommended profile, devices may not meet the performance
requirements.
Compatible with Pb and Pb-free solder reflow profiles.
How to Order
MF - LSMF 185/33X - 2
Multifuse® Product
Designator
Series
LSMF = 7555 mm (2920 mils)
Surface Mount Component
Hold Current, Ihold
185-300 (1.85 Amps - 3.00 Amps)
Higher Voltage Option
/24 = 24 Volt Rated
/33 = 33 Volt Rated
X = Multifuse® freeXpansionDesign
MF-LSMF Series
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
Represents total content. Layout may vary.
MF-LSMF SERIES, REV. B, 07/13
PART IDENTIFICATION EXAMPLES:
MF-LSMF185/33X = 9
MF-LSMF260X = E
MF-LSMF300X = F
MF-LSMF300/24X = J
BI-WEEKLY DATE CODE:
WEEKS 47-48 = X
E
X


Similar Part No. - MF-LSMF18533-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-LSMF185-33X BOURNS-MF-LSMF185-33X Datasheet
352Kb / 4P
   PTC Resettable Fuses
MF-LSMF185/33X BOURNS-MF-LSMF185/33X Datasheet
352Kb / 4P
   PTC Resettable Fuses
More results

Similar Description - MF-LSMF18533-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
   PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030_16 Datasheet
379Kb / 4P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com