Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22205D107MAT9A Datasheet(PDF) 6 Page - AVX Corporation

Part # 22205D107MAT9A
Description  General Specifications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

22205D107MAT9A Datasheet(HTML) 6 Page - AVX Corporation

Back Button 22205D107MAT9A Datasheet HTML 2Page - AVX Corporation 22205D107MAT9A Datasheet HTML 3Page - AVX Corporation 22205D107MAT9A Datasheet HTML 4Page - AVX Corporation 22205D107MAT9A Datasheet HTML 5Page - AVX Corporation 22205D107MAT9A Datasheet HTML 6Page - AVX Corporation 22205D107MAT9A Datasheet HTML 7Page - AVX Corporation 22205D107MAT9A Datasheet HTML 8Page - AVX Corporation 22205D107MAT9A Datasheet HTML 9Page - AVX Corporation 22205D107MAT9A Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
61
Tape Size
B
1
D
1
E
2
FP
1
RT
2
WA
0 B0 K0
Max.
Min.
Min.
Min.
Max.
See Note 5
See Note 2
8mm
4.35
1.00
6.25
3.50 ± 0.05
4.00 ± 0.10
25.0
2.50 Max.
8.30
See Note 1
(0.171)
(0.039)
(0.246)
(0.138 ± 0.002)
(0.157 ± 0.004)
(0.984)
(0.098)
(0.327)
12mm
8.20
1.50
10.25
5.50 ± 0.05
4.00 ± 0.10
30.0
6.50 Max.
12.3
See Note 1
(0.323)
(0.059)
(0.404)
(0.217 ± 0.002)
(0.157 ± 0.004)
(1.181)
(0.256)
(0.484)
8mm
4.35
1.00
6.25
3.50 ± 0.05
2.00 ± 0.10
25.0
2.50 Max.
8.30
See Note 1
1/2 Pitch
(0.171)
(0.039)
(0.246)
(0.138 ± 0.002)
(0.079 ± 0.004)
(0.984)
(0.098)
(0.327)
12mm
8.20
1.50
10.25
5.50 ± 0.05
8.00 ± 0.10
30.0
6.50 Max.
12.3
See Note 1
Double
(0.323)
(0.059)
(0.404)
(0.217 ± 0.002)
(0.315 ± 0.004)
(1.181)
(0.256)
(0.484)
Pitch
Embossed Carrier Configuration
8 & 12mm Tape Only
P0
B0
P1
P2
D0
T2
T
TOP COVER
TAPE
DEFORMATION
BETWEEN
EMBOSSMENTS
CENTER LINES
OF CAVITY
MAX. CAVITY
SIZE - SEE NOTE 1
D1 FOR COMPONENTS
2.00 mm x 1.20 mm AND
LARGER (0.079 x 0.047)
10 PITCHES CUMULATIVE
TOLERANCE ON TAPE
±0.2mm (±0.008)
B1
E1
F
EMBOSSMENT
User Direction of Feed
E2
W
K0
T1
S1
A0
B1 IS FOR TAPE READER REFERENCE ONLY
INCLUDING DRAFT CONCENTRIC AROUND B0
8 & 12mm Embossed Tape
Metric Dimensions Will Govern
CONSTANT DIMENSIONS
VARIABLE DIMENSIONS
NOTES:
1. The cavity defined by A
0, B0, and K0 shall be configured to provide the following:
Surround the component with sufficient clearance such that:
a) the component does not protrude beyond the sealing plane of the cover tape.
b) the component can be removed from the cavity in a vertical direction without mechanical
restriction, after the cover tape has been removed.
c) rotation of the component is limited to 20º maximum (see Sketches D & E).
d) lateral movement of the component is restricted to 0.5mm maximum (see Sketch F).
2. Tape with or without components shall pass around radius “R” without damage.
3. Bar code labeling (if required) shall be on the side of the reel opposite the round sprocket holes.
Refer to EIA-556.
4. B
1 dimension is a reference dimension for tape feeder clearance only.
5. If P
1 = 2.0mm, the tape may not properly index in all tape feeders.
Tape Size
D
0
EP
0
P
2
S
1 Min.
T Max.
T
1
8mm
1.75 ± 0.10
4.0 ± 0.10
2.0 ± 0.05
0.60
0.60
0.10
and
(0.069 ± 0.004) (0.157 ± 0.004) (0.079 ± 0.002)
(0.024)
(0.024)
(0.004)
12mm
Max.
0.50mm (0.020)
Maximum
0.50mm (0.020)
Maximum
Top View, Sketch "F"
Component Lateral Movements
1.50
+0.10
-0.0
(0.059
+0.004 )
-0.0
Chip Orientation


Similar Part No. - 22205D107MAT9A

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
222051B ITF-222051B Datasheet
212Kb / 5P
   SAW Bandpass Filter
222052B ITF-222052B Datasheet
285Kb / 5P
   Bandpass Filter
222053B ITF-222053B Datasheet
192Kb / 5P
   Bandpass Filter
222054B ITF-222054B Datasheet
189Kb / 2P
   Typical 1dB bandwidth of 19.75 MHz
logo
AVX Corporation
22205C104J4Z2A AVX-22205C104J4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 22205D107MAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com