Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-NSMF050 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-NSMF050
Description  PTC Resettable Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-NSMF050 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-NSMF050 Datasheet HTML 1Page - Bourns Electronic Solutions MF-NSMF050 Datasheet HTML 2Page - Bourns Electronic Solutions MF-NSMF050 Datasheet HTML 3Page - Bourns Electronic Solutions MF-NSMF050 Datasheet HTML 4Page - Bourns Electronic Solutions MF-NSMF050 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Compliant with AEC-Q200 Rev-C Stress
Test Qualification for Passive Components
in Automotive Applications
Compact design to save board space -
1206 footprint
Small size results in very fast time to react
to fault events
Symmetrical design
Low profile
RoHS compliant* and halogen free**
Agency recognition:
MF-NSMF Series - PTC Resettable Fuses
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Environmental Characteristics
Operating Temperature......................................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State .................................................... 125 °C
Passive Aging ....................................................... +85 °C, 1000 hours............................................... ±5 % typical resistance change
Humidity Aging...................................................... +85 °C, 85 % R.H. 1000 hours ............................. ±5 % typical resistance change
Thermal Shock ..................................................... +85 °C to -40 °C, 20 times.................................... ±10 % typical resistance change
Solvent Resistance............................................... MIL-STD-202, Method 215 ................................... No change
Vibration ............................................................... MIL-STD-883C, Method 2007.1,........................... No change
Condition A
Electrical Characteristics
Model
V max.
Volts
I max.
Amps
Ihold
Itrip
Resistance
Max. Time
To Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
RMin.
R1Max.
Typ.
MF-NSMF012
30.0
10
0.12
0.29
1.35
8.50
1.0
0.20
0.4
MF-NSMF020
24.0
10
0.20
0.46
0.60
2.60
1.0
0.60
0.6
MF-NSMF020X***
30.0
60
0.20
0.40
0.60
3.30
1.0
0.60
0.6
MF-NSMF035
6.0
100
0.35
0.75
0.30
1.20
8.0
0.10
0.6
MF-NSMF035X****
16.0
20
0.35
0.75
0.30
1.40
3.5
0.14
0.6
MF-NSMF050
13.2
100
0.50
1.00
0.15
0.70
8.0
0.10
0.4
MF-NSMF075
6.0
100
0.75
1.50
0.10
0.40
8.0
0.10
0.4
MF-NSMF110
6.0
100
1.10
2.20
0.06
0.20
8.0
0.10
0.6
MF-NSMF150
6.0
100
1.50
3.00
0.03
0.13
8.0
0.30
0.6
MF-NSMF200
6.0
100
2.00
4.00
0.02
0.085
8.0
1.00
0.7
Test Procedures And Requirements For Model MF-NSMF Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................... Verify dimensions and materials ........................... Per MF physical description
Resistance............................................................ In still air @ 23 °C ................................................. Rmin
≤ R ≤ R1max
Time to Trip........................................................... At specified current, Vmax, 23 °C......................... T
≤ max. time to trip (seconds)
Hold Current ......................................................... 30 min. at Ihold ..................................................... No trip
Trip Cycle Life....................................................... Vmax, Imax, 100 cycles........................................ No arcing or burning
Trip Endurance ..................................................... Vmax, 48 hours..................................................... No arcing or burning
Solderability .......................................................... ANSI/J-STD-002 ................................................... 95 % min. coverage
UL File Number .................................................... E174545
http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545
CSA File Number.................................................. CA110338
http://directories.csa-international.org/ Under “Certification Record” and “File Number”
enter 110338-0-000
TÜV Certificate Number ....................................... R 02057213
http://www.tuvdotcom.com/ Follow link to “other certificates”, enter File No. 2057213
***Features Multifuse® freeXpansion Designfor MF-NSMF Series (CSA/TÜV pending)
****Features Multifuse® freeXpansion Designfor MF-NSMF Series (CSA pending)


Similar Part No. - MF-NSMF050

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-NSMF050 BOURNS-MF-NSMF050 Datasheet
281Kb / 4P
   MF-NSMF Series - PTC Resettable Fuses
MF-NSMF050 BOURNS-MF-NSMF050 Datasheet
493Kb / 5P
   PTC Resettable Fuses
MF-NSMF050-2 BOURNS-MF-NSMF050-2 Datasheet
281Kb / 4P
   MF-NSMF Series - PTC Resettable Fuses
More results

Similar Description - MF-NSMF050

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
   PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030_16 Datasheet
379Kb / 4P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com