Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4027B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4027B
Description  Dual JK flip-flop Rev. 9 ??18 November 2011
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4027B Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4027B Datasheet HTML 1Page - NXP Semiconductors HEF4027B Datasheet HTML 2Page - NXP Semiconductors HEF4027B Datasheet HTML 3Page - NXP Semiconductors HEF4027B Datasheet HTML 4Page - NXP Semiconductors HEF4027B Datasheet HTML 5Page - NXP Semiconductors HEF4027B Datasheet HTML 6Page - NXP Semiconductors HEF4027B Datasheet HTML 7Page - NXP Semiconductors HEF4027B Datasheet HTML 8Page - NXP Semiconductors HEF4027B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
HEF4027B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 18 November 2011
3 of 14
NXP Semiconductors
HEF4027B
Dual JK flip-flop
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
Fig 3.
Pin configuration
HEF4027B
2Q
VDD
2Q
1Q
2CP
1Q
2CD
1CP
2K
1CD
2J
1K
2SD
1J
VSS
1SD
001aae594
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
VSS
8
ground supply voltage
1SD, 2SD
9, 7
asynchronous set-direct input (active HIGH)
1J, 2J
10, 6
synchronous input
1K, 2K
11, 5
synchronous input
1CD, 2CD
12, 4
asynchronous clear-direct input (active HIGH)
1CP, 2CP
13, 3
clock input (LOW-to-HIGH edge-triggered)
1Q, 2Q
14, 2
complement output
1Q, 2Q
15, 1
true output
VDD
16
supply voltage
Table 3.
Function table[1]
Inputs
Outputs
nSD
nCD
nCP
nJ
nK
nQ
nQ
HL
X
X
X
HL
LH
X
X
X
LH
HH
X
X
X
HH


Similar Part No. - HEF4027B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
NXP Semiconductors
HEF4027BD PHILIPS-HEF4027BD Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
More results

Similar Description - HEF4027B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
logo
IK Semicon Co., Ltd
IW4027B IKSEMICON-IW4027B Datasheet
158Kb / 6P
   Dual JK Flip-Flop
logo
List of Unclassifed Man...
GD4027B ETC1-GD4027B Datasheet
89Kb / 3P
   DUAL JK FLIP-FLOP
logo
Nexperia B.V. All right...
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
List of Unclassifed Man...
74LS76 ETC-74LS76 Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
logo
NXP Semiconductors
HEF4069UBT652 NXP-HEF4069UBT652 Datasheet
128Kb / 17P
   Hex inverter Rev. 8 ??16 November 2011
Rev. 8-16 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com