Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-NSML200 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-NSML200
Description  Low Ohmic PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-NSML200 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-NSML200 Datasheet HTML 1Page - Bourns Electronic Solutions MF-NSML200 Datasheet HTML 2Page - Bourns Electronic Solutions MF-NSML200 Datasheet HTML 3Page - Bourns Electronic Solutions MF-NSML200 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312 - 2 mm SMD Trimming Potentiometer
MF-NSML SERIES, REV. C, 06/13
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
MF-NSML150
2.67
2.32
1.95
1.50
1.15
0.96
0.78
0.64
0.52
MF-NSML175
2.57
2.33
2.07
1.75
1.49
1.34
1.24
1.00
0.91
MF-NSML190
2.89
2.58
2.25
1.90
1.54
1.36
1.21
0.94
0.77
MF-NSML200
3.30
2.90
2.50
2.00
1.62
1.39
1.16
0.90
0.52
MF-NSML260
3.71
3.42
3.01
2.60
2.08
1.72
1.49
1.30
0.89
MF-NSML300
4.41
3.99
3.54
3.00
2.55
2.32
2.13
1.71
1.56
MF-NSML350
5.51
4.66
4.13
3.50
2.98
2.71
2.49
2.00
1.82
MF-NSML380
5.59
5.05
4.48
3.80
3.23
2.95
2.70
2.17
1.98
MF-NSML400
5.71
5.26
4.63
4.00
3.20
2.70
2.29
2.00
1.37
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-NSML Series - Low Ohmic PTC Resettable Fuses
How to Order
MF - NSML 200 - 2
Multifuse® Product
Designator
Series
NSML = 1206 Low Ohmic
Surface Mount Component
Hold Current, Ihold
150 - 400 (1.50 Amps - 4.00 Amps)
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
Represents total content. Layout may vary.
PART IDENTIFICATION:
MF-NSML150 = NG
MF-NSML175 = NH
MF-NSML190 = NI
MF-NSML200 = NJ
MF-NSML260 = NN
MF-NSML300 = NP
MF-NSML350 = NS
MF-NSML380 = NV
MF-NSML400 = NU
MANUFACTURING DATE CODE IS
LOCATED ON PACKING LABEL.
NJ
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - MF-NSML200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-NSMF BOURNS-MF-NSMF Datasheet
493Kb / 5P
   PTC Resettable Fuses
MF-NSMF012 BOURNS-MF-NSMF012 Datasheet
281Kb / 4P
   MF-NSMF Series - PTC Resettable Fuses
MF-NSMF012 BOURNS-MF-NSMF012 Datasheet
436Kb / 5P
   PTC Resettable Fuses
MF-NSMF012 BOURNS-MF-NSMF012 Datasheet
493Kb / 5P
   PTC Resettable Fuses
MF-NSMF012-2 BOURNS-MF-NSMF012-2 Datasheet
281Kb / 4P
   MF-NSMF Series - PTC Resettable Fuses
More results

Similar Description - MF-NSML200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USML175 BOURNS-MF-USML175 Datasheet
321Kb / 4P
   Low Ohmic PTC Resettable Fuses
MF-ASML-X BOURNS-MF-ASML-X Datasheet
627Kb / 6P
   Low Ohmic PTC Resettable Fuses
MF-PSML-X BOURNS-MF-PSML-X Datasheet
760Kb / 7P
   Low Ohmic PTC Resettable Fuses
MF-USML BOURNS-MF-USML Datasheet
484Kb / 4P
   Low Ohmic PTC Resettable Fuses
MF-FSML-X BOURNS-MF-FSML-X Datasheet
688Kb / 8P
   MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
REV. B, 10/21
MF-FSML BOURNS-MF-FSML Datasheet
688Kb / 8P
   MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
REV. B, 10/21
MF-PSML BOURNS-MF-PSML Datasheet
846Kb / 8P
   MF-PSML/X Series - Low Ohmic PTC Resettable Fuses
REV. C, 10/21
MF-ASML BOURNS-MF-ASML Datasheet
352Kb / 7P
   MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com