Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4027BT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4027BT
Description  Dual JK flip-flop Rev. 9 ??18 November 2011
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4027BT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4027BT Datasheet HTML 4Page - NXP Semiconductors HEF4027BT Datasheet HTML 5Page - NXP Semiconductors HEF4027BT Datasheet HTML 6Page - NXP Semiconductors HEF4027BT Datasheet HTML 7Page - NXP Semiconductors HEF4027BT Datasheet HTML 8Page - NXP Semiconductors HEF4027BT Datasheet HTML 9Page - NXP Semiconductors HEF4027BT Datasheet HTML 10Page - NXP Semiconductors HEF4027BT Datasheet HTML 11Page - NXP Semiconductors HEF4027BT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
HEF4027B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 18 November 2011
8 of 14
NXP Semiconductors
HEF4027B
Dual JK flip-flop
VOH and VOL are typical output voltages levels that occur with the output load.
Measurement points are given in Table 9.
Fig 6.
Waveforms showing pulse widths and recovery times
001aae597
SD INPUT
VI
0 V
VI
0 V
VI
0 V
VOH
VOL
CD INPUT
CP INPUT
tW
tW
VM
VM
VM
Q OUTPUT
trec
trec
Table 9.
Measurement points
Supply voltage
Input
Output
VDD
VM
VM
5 V to 15 V
0.5VDD
0.5VDD
Test data is given in Table 10.
Definitions for test circuit:
DUT = Device Under Test.
CL = load capacitance including jig and probe capacitance.
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig 7.
Test circuit
VDD
VI
VO
001aag182
DUT
CL
RT
G
Table 10.
Test data
Supply voltage
Input
Load
VDD
VI
tr, tf
CL
5 V to 15 V
VSS or VDD
 20 ns
50 pF


Similar Part No. - HEF4027BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027BT PHILIPS-HEF4027BT Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
HEF4027BT NXP-HEF4027BT Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027BT NEXPERIA-HEF4027BT Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
HEF4027BT-Q100 NEXPERIA-HEF4027BT-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
NXP Semiconductors
HEF4027BTD PHILIPS-HEF4027BTD Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
More results

Similar Description - HEF4027BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
logo
IK Semicon Co., Ltd
IW4027B IKSEMICON-IW4027B Datasheet
158Kb / 6P
   Dual JK Flip-Flop
logo
List of Unclassifed Man...
GD4027B ETC1-GD4027B Datasheet
89Kb / 3P
   DUAL JK FLIP-FLOP
logo
Nexperia B.V. All right...
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
List of Unclassifed Man...
74LS76 ETC-74LS76 Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
logo
NXP Semiconductors
HEF4069UBT652 NXP-HEF4069UBT652 Datasheet
128Kb / 17P
   Hex inverter Rev. 8 ??16 November 2011
Rev. 8-16 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com