Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF.10.04 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SMF.10.04
Description  ROD END BEARINGS & LINKAGES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMF.10.04 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SMF.10.04 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMF.10.04 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMF.10.04 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMF.10.04 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMF.10.04 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMF.10.04 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMF.10.04 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMF.10.04 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMF.10.04 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
For left-handed threads, please add the suffix “L” to the order
code e.g., SMG.40.08.L.
The letter ‘G’ in the order code indicates that a lubrication
nipple is fitted.
W
M
H
D
Order Code
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
Series :
20 - As Standard - With Alternative Thread Pitch
Requires Lubrication
SMG.20.08
SMG.20.10
SMG.22.10
SMG.22.12
SMG.20.12
SMG.20.14
SMG.20.16
SMG.20.18
SMG.20.20
SMG.20.22
SMG.20.25
SMG.20.30
MALE ROD ENDS
31
Fax: +44 (0)1992 509890
®
4
Series :
40 High Strength - Tight Bearing Fit
Requires Lubrication
SMF.40.05
SMF.40.06
SMG.40.08
SMG.40.10
SMG.40.12
SMG.40.14
SMG.40.16
SMG.40.18
SMG.40.20
SMG.40.22
SMG.40.25
SMG.40.30
Order Code
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
Materials:
Housing: C45 treated (or similar) steel, zinc plated and yellow passivated
Ball:
Hardened ground, polished 100 Cr 6 ball bearing steel
Inserts:
Gc-Cu Sn7 Zn Pb bronze
Materials: As Standard series.
08
8.30
M8
× 1
25
8
22
42
53
9
10.40
12
15.88
35
10
12.70
M10
× 1
29
10
26
48
61
10.5
12.92
14
19.05
57
10
12.70
Cetop
M10
× 1.25
29
10
26
48
61
10.5
12.92
14
19.05
57
12
16.70
Cetop
M12
× 1.25
33
12
30
54
69
12
15.43
16
22.23
87
12
16.70
M12
× 1.5
33
12
30
54
69
12
15.43
16
22.23
87
14
20.60
M14
× 1.5
36
14
34
60
77
13.5
16.86
19
25.40
120
16
25.00
M16
× 1.5
40
16
38
66
85
15
19.39
21
28.58
170
18
29.40
M18
× 2.5
44
18
42
72
93
16.5
21.89
23
31.75
240
20
34.30
M20
× 2.5
47
20
46
78
101
18
24.38
25
34.92
320
22
41.20
M22
× 2.5
51
22
50
84
109
20
25.84
28
38.10
420
25
50.00
M24
× 3
57
25
56
94
122
22
29.60
31
42.85
580
30
66.70
M30
× 3.5
66
30
66
110
143
25
34.80
37
50.80
980
05
6.90
M5
× 0.8
20
5
16
33
41
6
7.71
8
11.11
12
06
9.80
M6
× 1
22
6
18
36
45
6.75
8.96
9
12.70
18
08
16.70
M8
× 1.25
25
8
22
42
53
9
10.40
12
15.88
35
10
25.50
M10
× 1.5
29
10
26
48
61
10.5
12.92
14
19.05
57
12
33.30
M12
× 1.75
33
12
30
54
69
12
15.43
16
22.23
87
14
41.20
M14
× 2
36
14
34
60
77
13.5
16.86
19
25.40
120
16
50.00
M16
× 2
40
16
38
66
85
15
19.39
21
28.58
170
18
58.90
M18
× 1.5
44
18
42
72
93
16.5
21.89
23
31.75
240
20
68.70
M20
× 1.5
47
20
46
78
101
18
24.38
25
34.92
320
22
82.40
M22
× 1.5
51
22
50
84
109
20
25.84
28
38.10
420
25
100.10
M24
× 2
57
25
56
94
122
22
29.60
31
42.85
580
30
133.40
M30
× 2
66
30
66
110
143
25
34.80
37
50.80
980


Similar Part No. - SMF.10.04

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMF PACELEADER-SMF Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMF SOCAY-SMF Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Goodwork Semiconductor ...
SMF GWSEMI-SMF Datasheet
246Kb / 4P
   200 WATT SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
SMF LEIDITECH-SMF Datasheet
1Mb / 5P
   200W Transient Voltage Suppressor
01.06.2018
logo
Jiangsu High diode Semi...
SMF HDSEMI-SMF Datasheet
1Mb / 5P
   SOD 123FL Plastic-Encapsulate Diodes
More results

Similar Description - SMF.10.04

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GFB DELTA-GFB Datasheet
297Kb / 1P
   Bearing Type Ball Bearings
FTA DELTA-FTA Datasheet
356Kb / 1P
   Bearing Type Ball Bearings
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
   Bearing Type Ball Bearings
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
AFB0912L DELTA-AFB0912L_V01 Datasheet
615Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
EFB0424VHD ETC2-EFB0424VHD Datasheet
79Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
EFB DELTA-EFB Datasheet
480Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
014 ETC2-014 Datasheet
899Kb / 1P
   Field replaceable bearings and electronics
logo
Schneider Electric
AV-321 SCHNEIDER-AV-321 Datasheet
186Kb / 4P
   Gear Train Actuator Valve Linkages General Instructions
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
   Tie rod
7/21/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com