Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG.10.22 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SMG.10.22
Description  ROD END BEARINGS & LINKAGES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMG.10.22 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SMG.10.22 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMG.10.22 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMG.10.22 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMG.10.22 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMG.10.22 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMG.10.22 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMG.10.22 Datasheet HTML 11Page - List of Unclassifed Manufacturers SMG.10.22 Datasheet HTML 12Page - List of Unclassifed Manufacturers SMG.10.22 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
• High performance
• Magnaflux control
• Uniflon®E self-lubricating
For left-handed threads, please add the suffix “L” to the order
code e.g., SME.50.08.L.
W
M
H
D
MALE ROD ENDS
33
Fax: +44 (0)1992 509890
®
4
Order Code
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
Series :
50 Standard - High Performance Model
Self-Lubricating
SME.50.05
SME.50.06
SME.50.08
SME.50.10
SME.50.12
SME.50.14
SME.50.16
SME.50.18
*bore of ball is 2mm less than diameter of the thread
Materials:
Housing: High performance 34 Cr Ni Mo 6 (or similar) steel, carbonised and oiled or zinc plated and yellow passivated
Ball:
Hardened ground, polished hard chrome plated 100 Cr6 ball bearing steel
Inserts:
Stainless steel x 10 Cr Ni S 189 Uniflon®E
Manufactured with reduced play and Magnaflux control
Order Code
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
Series :
51 High Performance Model - Fine Thread Series
Self-Lubricating
SME.51.05
SME.51.06
SME.51.08
SME.51.10
SME.51.12
SME.51.14
SME.51.16
Order Code
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
Series :
52 High Performance Model - Small Bore Ball/Fine Threads*
Self-Lubricating
SME.52.10
SME.52.12
SME.52.14
SME.52.16
SME.52.18
05
6.1
M5
× 0.8
20
5
16
33
41
6
7.71
8
11.11
12
06
8.6
M6
× 1
22
6
18
36
45
6.75
8.96
9
12.70
18
08
15.2
M8
× 1.25
25
8
22
42
53
9
10.40
12
15.88
35
10
23.2
M10
× 1.5
29
10
26
48
61
10.5
12.92
14
19.05
57
12
29.0
M12
× 1.75
33
12
30
54
69
12
15.43
16
22.23
87
14
35.5
M14
× 2
36
14
34
60
77
13.5
16.86
19
25.40
120
16
43.5
M16
× 2
40
16
38
66
85
15
19.39
21
28.58
170
18
52.2
M18
× 1.5
44
18
42
72
93
16.5
21.89
23
31.75
240
05
6.1
M5
× 0.5
20
5
16
33
41
6
7.71
8
11.11
12
06
8.6
M6
× 0.75
22
6
18
36
45
6.75
8.96
9
12.70
18
08
15.2
M8
× 1
25
8
22
42
53
9
10.40
12
15.88
35
10
23.2
M10
× 1
29
10
26
48
61
10.5
12.92
14
19.05
57
12
29.0
M12
× 1.5
33
12
30
54
69
12
15.43
16
22.23
87
14
35.5
M14
× 1.5
36
14
34
60
77
13.5
16.86
19
25.40
120
16
43.5
M16
× 1.5
40
16
38
66
85
15
19.39
21
28.58
170
10
23.2
M10
× 1
29
8
26
48
61
10.5
12.92
14
19.05
62
12
29.0
M12
× 1.5
33
10
30
54
69
12
15.43
16
22.23
90
14
35.5
M14
× 1.5
36
12
34
60
77
13.5
16.86
19
25.40
130
16
43.5
M16
× 1.5
40
14
38
66
85
15
19.39
21
28.58
185
18
52.2
M18
× 1.5
44
16
42
72
93
16.5
21.89
23
31.75
250


Similar Part No. - SMG.10.22

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SMG-CLD-M2 DOMINANT-SMG-CLD-M2 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-M2N-1 DOMINANT-SMG-CLD-M2N-1 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-N1 DOMINANT-SMG-CLD-N1 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-N2 DOMINANT-SMG-CLD-N2 Datasheet
217Kb / 8P
   AlInGaP MSpice
logo
SanRex Corporation
SMG04C60 SANREX-SMG04C60 Datasheet
56Kb / 2P
   THYRISTOR
More results

Similar Description - SMG.10.22

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GFB DELTA-GFB Datasheet
297Kb / 1P
   Bearing Type Ball Bearings
FTA DELTA-FTA Datasheet
356Kb / 1P
   Bearing Type Ball Bearings
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
   Bearing Type Ball Bearings
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
AFB0912L DELTA-AFB0912L_V01 Datasheet
615Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
EFB0424VHD ETC2-EFB0424VHD Datasheet
79Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
EFB DELTA-EFB Datasheet
480Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
014 ETC2-014 Datasheet
899Kb / 1P
   Field replaceable bearings and electronics
logo
Schneider Electric
AV-321 SCHNEIDER-AV-321 Datasheet
186Kb / 4P
   Gear Train Actuator Valve Linkages General Instructions
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
   Tie rod
7/21/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com