Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP270N8F7 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP270N8F7
Description  N-channel 80 V, 0.0017 typ., 180 A, STripFET VII DeepGATE Power MOSFETs in H2PAK-2, H2PAK-6 and TO-220
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP270N8F7 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP270N8F7 Datasheet HTML 4Page - STMicroelectronics STP270N8F7 Datasheet HTML 5Page - STMicroelectronics STP270N8F7 Datasheet HTML 6Page - STMicroelectronics STP270N8F7 Datasheet HTML 7Page - STMicroelectronics STP270N8F7 Datasheet HTML 8Page - STMicroelectronics STP270N8F7 Datasheet HTML 9Page - STMicroelectronics STP270N8F7 Datasheet HTML 10Page - STMicroelectronics STP270N8F7 Datasheet HTML 11Page - STMicroelectronics STP270N8F7 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics (curves)
STH270N8F7-2, STH270N8F7-6, STP270N8F7
8/21
DocID024006 Rev 3
Figure 14. Source-drain diode forward
characteristics
Figure 15. Normalized gate threshold voltage vs
temperature
Figure 16. Normalized on-resistance vs
temperature for H2PAK-2 and H2PAK-6
Figure 17. Normalized on-resistance vs
temperature for TO-220
VSD
0
40
ISD(A)
(V)
20
100
60 80
0.5
0.6
0.7
0.8
0.9
1
TJ=-50°C
TJ=150°C
TJ=25°C
120 140 160
AM15680v1
VGS(th)
0.7
0.6
0.5
0.4
-75
TJ(°C)
(norm)
-50
0.8
75
-25
125
ID=250µA
0
25 50
100
150
0.9
1
1.1
1.2
AM15677v1
RDS(on)
1.2
1
0.8
0.6
TJ(°C)
(norm)
1.4
0.4
-75 -50
75
-25
125
0
25 50
100
ID=90 A
VGS=10 V
150
1.6
1.8
2
AM15678v1
RDS(on)
1.2
1
0.8
0.6
TJ(°C)
(norm)
1.4
0.4
-75 -50
75
-25
125
0
25 50
100
ID=90 A
VGS=10 V
150
1.6
1.8
AM15679v1


Similar Part No. - STP270N8F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP270N04 STMICROELECTRONICS-STP270N04 Datasheet
268Kb / 14P
   N-CHANNEL 40V - 2.1m-ohm - 160A - TO-220 - D-2PAK - I-2PAK STripFET-TM Power MOSFET
STP270N4F3 STMICROELECTRONICS-STP270N4F3 Datasheet
450Kb / 15P
   N-channel 40V - 2.1m ohm - 160A - TO-220 - D2PAK - I2PAK STripFE TM Power MOSFET
STP270N4F3 STMICROELECTRONICS-STP270N4F3 Datasheet
380Kb / 15P
   N-channel 40 V - 2.1 m廓 - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
More results

Similar Description - STP270N8F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH310N10F7-2 STMICROELECTRONICS-STH310N10F7-2 Datasheet
1Mb / 19P
   N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
STH260N4LF7-2 STMICROELECTRONICS-STH260N4LF7-2 Datasheet
598Kb / 17P
   N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
November 2015
STH270N4F3-6 STMICROELECTRONICS-STH270N4F3-6 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET??III Power MOSFET in H2PAK-2 and H2PAK-6 packages
March 2013 Rev 2
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
   N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
STP85N15F4 STMICROELECTRONICS-STP85N15F4_V01 Datasheet
437Kb / 12P
   N-channel 150 V, 0.015 Ω, 85 A TO-220, H2PAK STripFET™ DeepGATE™ Power MOSFET
July 2009
STFW3N150 STMICROELECTRONICS-STFW3N150_V01 Datasheet
677Kb / 22P
   N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
DS5052 - Rev 12 - May 2020
STH140N8F7-2 STMICROELECTRONICS-STH140N8F7-2 Datasheet
772Kb / 15P
   N-channel 80 V, 3.3 m廓 typ., 90 A STripFET??F7 Power MOSFET in a H2PAK-2 package
October 2014 Rev 2
STH180N10F3-2 STMICROELECTRONICS-STH180N10F3-2 Datasheet
957Kb / 15P
   N-channel 100 V, 3.9 milliohm, 180 A, H2PAK-2 STripFET III Power MOSFET
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
1Mb / 23P
   N-channel 100 V, 0.0068 廓 typ., 80 A, STripFET??VII DeepGATE??Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com