Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5852 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF5852
Description  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5852 Datasheet(HTML) 1 Page - International Rectifier

  IRF5852 Datasheet HTML 1Page - International Rectifier IRF5852 Datasheet HTML 2Page - International Rectifier IRF5852 Datasheet HTML 3Page - International Rectifier IRF5852 Datasheet HTML 4Page - International Rectifier IRF5852 Datasheet HTML 5Page - International Rectifier IRF5852 Datasheet HTML 6Page - International Rectifier IRF5852 Datasheet HTML 7Page - International Rectifier IRF5852 Datasheet HTML 8Page - International Rectifier IRF5852 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
2.7
ID @ TA= 70°C
Continuous Drain Current, VGS @ 4.5V
2.2
A
IDM
Pulsed Drain Current

11
PD @TA = 25°C
Power Dissipation
ƒ
0.96
PD @TA = 70°C
Power Dissipation
ƒ
0.62
Linear Derating Factor
7.7
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
1/13/03
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
130
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
IRF5852
HEXFET® Power MOSFET
These N-channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve the
extremely low on-resistance per silicon area. This
benefit provides the designer with an extremely efficient
device for use in battery and load management
applications.
This Dual TSOP-6 package is ideal for applications
where printed circuit board space is at a premium and
where maximum functionality is required. With two
die per package, the IRF5852 can provide the
functionality of two SOT-23 packages in a smaller
footprint. Its unique thermal design and RDS(on)
reduction enables an increase in current-handling
capability.
Description
l Ultra Low On-Resistance
l Dual N-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Low Gate Charge
PD - 93999A
TSOP-6
Top View
VDSS
RDS(on) max (W)
ID
20 V
0.090@VGS = 4.5V
2.7A
0.120@VGS = 2.5V
2.2A
S2
G2
G1
3
2
1
4
5
6D1
D2
S 1


Similar Part No. - IRF5852

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5852 IRF-IRF5852 Datasheet
239Kb / 9P
   Power MOSFET(Vdss=20V)
IRF5852 IRF-IRF5852 Datasheet
130Kb / 10P
   Ultra Low On-Resistance
IRF5852PBF IRF-IRF5852PBF Datasheet
206Kb / 9P
   Ultra Low On-Resistance
IRF5852TRPBF IRF-IRF5852TRPBF Datasheet
130Kb / 10P
   Ultra Low On-Resistance
More results

Similar Description - IRF5852

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com