Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP55N06Z Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTP55N06Z
Description  TMOS POWER FET 55 AMPERES 60 VOLTS RDS(on) = 18 mohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP55N06Z Datasheet(HTML) 1 Page - Motorola, Inc

  MTP55N06Z Datasheet HTML 1Page - Motorola, Inc MTP55N06Z Datasheet HTML 2Page - Motorola, Inc MTP55N06Z Datasheet HTML 3Page - Motorola, Inc MTP55N06Z Datasheet HTML 4Page - Motorola, Inc MTP55N06Z Datasheet HTML 5Page - Motorola, Inc MTP55N06Z Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Advance Information
TMOS E-FET.
Power Field Effect Transistor
N–Channel Enhancement–Mode Silicon Gate
This advanced high voltage TMOS E–FET is designed to
withstand high energy in the avalanche mode and switch efficiently.
This new high energy device also offers a drain–to–source diode
with fast recovery time. Designed for high voltage, high speed
switching applications in power supplies, PWM motor controls and
other inductive loads, the avalanche energy capability is specified
to eliminate the guesswork in designs where inductive loads are
switched and offer additional safety margin against unexpected
voltage transients.
• Avalanche Energy Capability Specified at Elevated
Temperature
• Source–to–Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
• Low Stored Gate Charge for Efficient Switching
• Internal Source–to–Drain Diode Designed to Replace External
Zener Transient Suppressor–Absorbs High Energy in the
Avalanche Mode
• ESD Protected. Designed to Typically Withstand 400 V
Machine Model and 4000 V Human Body Model.
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
60
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate–to–Source Voltage — Continuous
Gate–to–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 40
Vdc
Vpk
Drain Current — Continuous @ TC = 25°C
Drain Current — Continuous @ TC = 100°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
55
35.5
165
Adc
Apk
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
113
0.91
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VDS = 60 Vdc, VGS = 10 Vdc, Peak IL = 55 Apk, L = 0.3 mH, RG = 25 Ω)
EAS
454
mJ
Thermal Resistance — Junction–to–Case
Thermal Resistance — Junction–to–Ambient
R
θJC
R
θJA
1.1
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
This document contains information on a new product. Specifications and information herein are subject to change without notice.
E–FET is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Order this document
by MTP55N06Z/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
D
S
G
MTP55N06Z
TMOS POWER FET
55 AMPERES
60 VOLTS
RDS(on) = 18 mΩ
CASE 221A–06, Style 5
TO–220AB
© Motorola, Inc. 1997
REV 1


Similar Part No. - MTP55N06Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MTP55N06Z ISC-MTP55N06Z Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTP55N06Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP75N06HD MOTOROLA-MTP75N06HD Datasheet
275Kb / 8P
   TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
   TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
MTB55N06Z MOTOROLA-MTB55N06Z Datasheet
146Kb / 6P
   TMOS POWER FET 55 AMPERES 60 VOLTS
MTP1302 MOTOROLA-MTP1302 Datasheet
166Kb / 8P
   TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTY55N20E MOTOROLA-MTY55N20E Datasheet
231Kb / 8P
   TMOS POWER FET 55 AMPERES 200 VOLTS RDS(on) = 0.028 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
   TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
   TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
   TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com