Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG4050EP115 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PMEG4050EP115
Description  5 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4050EP115 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PMEG4050EP115 Datasheet HTML 5Page - NXP Semiconductors PMEG4050EP115 Datasheet HTML 6Page - NXP Semiconductors PMEG4050EP115 Datasheet HTML 7Page - NXP Semiconductors PMEG4050EP115 Datasheet HTML 8Page - NXP Semiconductors PMEG4050EP115 Datasheet HTML 9Page - NXP Semiconductors PMEG4050EP115 Datasheet HTML 10Page - NXP Semiconductors PMEG4050EP115 Datasheet HTML 11Page - NXP Semiconductors PMEG4050EP115 Datasheet HTML 12Page - NXP Semiconductors PMEG4050EP115 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PMEG4050EP_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 14 September 2009
10 of 13
NXP Semiconductors
PMEG4050EP
5 A low VF MEGA Schottky barrier rectifier
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
11. Soldering
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
PMEG4050EP
SOD128
4 mm pitch, 12 mm tape and reel
-115
Reflow soldering is the only recommended soldering method.
Fig 15. Reflow soldering footprint SOD128
solder lands
solder resist
occupied area
solder paste
2.5
3.4
2.1
(2
×)
1.9
(2
×)
4.4
4.2
6.2
1.2
(2
×)
1.4
(2
×)
sod128_fr
Dimensions in mm


Similar Part No. - PMEG4050EP115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4050EP NXP-PMEG4050EP Datasheet
104Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-14 September 2009
logo
Nexperia B.V. All right...
PMEG4050EP NEXPERIA-PMEG4050EP Datasheet
258Kb / 12P
   40V, 5 A low VF Schottky barrier rectifier
20 February 2023
PMEG4050EP-Q NEXPERIA-PMEG4050EP-Q Datasheet
258Kb / 12P
   40 V, 5 A low VF Schottky barrier rectifier
20 February 2023
More results

Similar Description - PMEG4050EP115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4050EP NXP-PMEG4050EP Datasheet
104Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-14 September 2009
PMEG3050EP PHILIPS-PMEG3050EP Datasheet
157Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-10 December 2009
PMEG3050BEP PHILIPS-PMEG3050BEP_15 Datasheet
265Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-28 October 2009
PMEG3050EP PHILIPS-PMEG3050EP_15 Datasheet
157Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-10 December 2009
PMEG060V050EPD PHILIPS-PMEG060V050EPD_15 Datasheet
229Kb / 15P
   60 V, 5 A low VF MEGA Schottky barrier rectifier
22 January 2015
PMEG4050ETP NXP-PMEG4050ETP Datasheet
171Kb / 13P
   40 V, 5 A low VF MEGA Schottky barrier rectifier
Rev. 1-10 October 2011
logo
Nexperia B.V. All right...
PMEG060V050EPD NEXPERIA-PMEG060V050EPD Datasheet
714Kb / 15P
   60 V, 5 A low VF MEGA Schottky barrier rectifier
PMEG030V050EPD NEXPERIA-PMEG030V050EPD Datasheet
705Kb / 13P
   30 V, 5 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG045V050EPD PHILIPS-PMEG045V050EPD_15 Datasheet
226Kb / 15P
   45 V, 5 A low VF MEGA Schottky barrier rectifier
26 January 2015
logo
Nexperia B.V. All right...
PMEG3050EP-Q NEXPERIA-PMEG3050EP-Q Datasheet
251Kb / 13P
   30 V, 5 A low VF MEGA Schottky barrier rectifier
1 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com