Electronic Components Datasheet Search |
|
04022U100BAT4A Datasheet(PDF) 1 Page - AVX Corporation |
|
04022U100BAT4A Datasheet(HTML) 1 Page - AVX Corporation |
1 / 6 page RF/Microwave C0G (NP0) Capacitors (RoHS) Ultra Low ESR, “U” Series, C0G (NP0) Chip Capacitors 8 A B D D E C A B C A B D D E C A B D D E C GENERAL INFORMATION “U” Series capacitors are C0G (NP0) chip capacitors spe- cially designed for “Ultra” low ESR for applications in the communications market. Max ESR and effective capacitance are met on each value producing lot to lot uniformity. Sizes available are EIA chip sizes 0402, 0603, 0805, and 1210. Size A B C D E 0402 0.039±0.004 (1.00±0.1) 0.020±0.004 (0.50±0.1) 0.024 (0.6) max N/A N/A 0603 0.060±0.010 (1.52±0.25) 0.030±0.010 (0.76±0.25) 0.036 (0.91) max 0.010±0.005 (0.25±0.13) 0.030 (0.76) min 0805 0.079±0.008 (2.01±0.2) 0.049±0.008 (1.25±0.2) 0.040±0.005 (1.02±0.127) 0.020±0.010 (0.51±0.255) 0.020 (0.51) min 1210 0.126±0.008 (3.2±0.2) 0.098±0.008 (2.49±0.2) 0.050±0.005 (1.27±0.127) 0.025±0.015 (0.635±0.381) 0.040 (1.02) min ELECTRICAL CHARACTERISTICS Capacitance Values and Tolerances: Size 0402 - 0.2 pF to 22 pF @ 1 MHz Size 0603 - 1.0 pF to 100 pF @ 1 MHz Size 0805 - 1.6 pF to 160 pF @ 1 MHz Size 1210 - 2.4 pF to 1000 pF @ 1 MHz Temperature Coefficient of Capacitance (TC): 0±30 ppm/°C (-55° to +125°C) Insulation Resistance (IR): 1012 Ω min. @ 25°C and rated WVDC 1011 Ω min. @ 125°C and rated WVDC Working Voltage (WVDC): Size Working Voltage 0402 - 50, 25 WVDC 0603 - 200, 100, 50 WVDC 0805 - 200, 100 WVDC 1210 - 200, 100 WVDC Dielectric Working Voltage (DWV): 250% of rated WVDC Equivalent Series Resistance Typical (ESR): 0402 - See Performance Curve, page 9 0603 - See Performance Curve, page 9 0805 - See Performance Curve, page 9 1210 - See Performance Curve, page 9 Marking: Laser marking EIA J marking standard (except 0603) (capacitance code and tolerance upon request). MILITARY SPECIFICATIONS Meets or exceeds the requirements of MIL-C-55681 0805 Case Size 0402 0603 0805 1210 1 Voltage Code 3 = 25V 5 = 50V 1 = 100V 2 = 200V U Dielectric = Ultra Low ESR 100 Capacitance J Capacitance Tolerance Code B = ±0.1pF C = ±0.25pF D = ±0.5pF F = ±1% G = ±2% J = ±5% K = ±10% M = ±20% A Failure Rate Code A = Not Applicable T Termination T= Plated Ni and Sn 2 Packaging Code A Special Code A = Standard HOW TO ORDER EIA Capacitance Code in pF. First two digits = significant figures or “R” for decimal place. Third digit = number of zeros or after “R” sig- nificant figures. 2 = 7" Reel 4 = 13" Reel 9 = Bulk DIMENSIONS: inches (millimeters) 0402 0603 0805 1210 inches (mm) NOTE: Contact factory for availability of Termination and Toler- ance Options for Specific Part Numbers. LEAD-FREE COMPATIBLE COMPONENT |
Similar Part No. - 04022U100BAT4A |
|
Similar Description - 04022U100BAT4A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |