Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH315C225MA30A3 Datasheet(PDF) 2 Page - AVX Corporation

Part # RH315C225MA30A3
Description  RH - Surface Mount J Lead Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RH315C225MA30A3 Datasheet(HTML) 2 Page - AVX Corporation

  RH315C225MA30A3 Datasheet HTML 1Page - AVX Corporation RH315C225MA30A3 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
RH41
RH42
RH41
RH42
RH41
RH42
RH21
RH21
RH22
RH22
RH21
RH22
RH31
RH32
RH31
RH32
RH31
RH32
RH31
RH32
RH41
RH42
RH51
RH52
RH51
RH52
RH51
RH52
RH51
RH52
RH61
RH62
RH61
RH62
RH61
RH62
RH61
RH62
RH21/RH22
RH31/RH32
RH41/RH42
RH51/RH52
RH61/RH62
Style
Style
Style
Style
Style
Voltage DC
Cap
μF
25
50
100
200
500
50
100
200
500
50
100
200
500
50
100
200
500
50
100
200
500
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.78
0.82
1
1.2
1.5
1.8
2.2
3
3.3
3.9
4.7
6.8
8.2
10
12
15
18
22
33
47
HOW TO ORDER
RH
31
5
C
225
M
A
3
0
A
3
Style
Size
Voltage Dielectric Capacitance Capacitance
Specification
Package
Lead Dia.
Lead Space Lead Style
Code
Code
Code
Code
Code
Tolerance
Code
Code
Code
Code
Code
(see table above)
3 = 25V
C = X7R
(2 significant
K = ±10%
A = Non
3 = Waffle Pack
0 = Standard
A = Standard
3 = ‘J’ Lead
5 = 50V
digits + no.
M = ±20%
customized
A = Tape & Reel
R = RoHS Compliant
1 = 100V
of zeros)
2 = 200V
eg. 105 = 1 μF
7 = 500V
104 = 0.1 μF
X7R STABLE DIELECTRIC
PACKAGING
For availability of further parts in the RH21/RH22 Series, contact manufacturing.
SMPS Capacitors (RH Style)
RH - Surface Mount ‘J’ Lead Range
Style
Qty/Reel 13"
Max. Qty/Waffle Pack
RH21
800
270
RH22
500
270
RH31
800
108
RH32
500
108
RH41
800
108
RH42
see note
100
RH51
750
88
RH52
see note
88
RH61
500
42
RH62
see note
42
Note: T&R is not yet available. Contact manufacturing for further information as this will be available in the future.


Similar Part No. - RH315C225MA30A3

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RH31 AVX-RH31 Datasheet
66Kb / 2P
   SMPS Capacitors (RH Style)
logo
ebm-papst
RH31M-4/104369 EBMPAPST-RH31M-4/104369 Datasheet
337Kb / 1P
   MOTORIZED IMPELLER
RH31M-4/104370 EBMPAPST-RH31M-4/104370 Datasheet
337Kb / 1P
   MOTORIZED IMPELLER
RH31M-4/104371 EBMPAPST-RH31M-4/104371 Datasheet
337Kb / 1P
   MOTORIZED IMPELLER
RH31M-4/204988 EBMPAPST-RH31M-4/204988 Datasheet
337Kb / 1P
   MOTORIZED IMPELLER
More results

Similar Description - RH315C225MA30A3

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RH21-62 AVX-RH21-62 Datasheet
66Kb / 2P
   SMPS Capacitors (RH Style) RH - Surface Mount ?쁉??Lead Range
logo
IDEA.lnc.
JRC0118 IDEA-JRC0118 Datasheet
30Kb / 1P
   J Series Surface Mount LEDs
logo
Ecliptek Corporation
EC17 ECLIPTEK-EC17 Datasheet
423Kb / 2P
   5.0Vdc J-Leaded Plastic Surface Mount Oscillator
logo
Connor-Winfield Corpora...
MSD614 CONNOR-WINFIELD-MSD614 Datasheet
153Kb / 2P
   SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD534 CONNOR-WINFIELD-MSD534 Datasheet
149Kb / 2P
   SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD624 CONNOR-WINFIELD-MSD624 Datasheet
153Kb / 2P
   SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD634 CONNOR-WINFIELD-MSD634 Datasheet
153Kb / 2P
   SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD644 CONNOR-WINFIELD-MSD644 Datasheet
149Kb / 2P
   SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
logo
Ecliptek Corporation
EC18 ECLIPTEK-EC18 Datasheet
438Kb / 2P
   3.3Vdc J-Leaded Plastic Surface Mount Oscillator
logo
Infineon Technologies A...
DSO-20 INFINEON-DSO-20 Datasheet
946Kb / 4P
   Surface Mount Device Lead
May 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com