Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC107K004S0100 Datasheet(PDF) 6 Page - AVX Corporation

Part # TPSC107K004S0100
Description  Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K004S0100 Datasheet(HTML) 6 Page - AVX Corporation

Back Button TPSC107K004S0100 Datasheet HTML 2Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 3Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 4Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 5Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 6Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 7Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 8Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 9Page - AVX Corporation TPSC107K004S0100 Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SEPTEMBER 2013
I 51
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSC336*010#0150
C
33
10
3.3
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC336*010#0375
C
33
10
3.3
6
375
1
0.542
0.487
0.217
0.203
0.183
0.081
TPSC336*010#0500
C
33
10
3.3
6
500
1
0.469
0.422
0.188
0.235
0.211
0.094
TPSW336*010#0350
W
33
10
3.3
6
350
1
0.507
0.456
0.203
0.177
0.160
0.071
TPSB476*010#0250
B
47
10
4.7
8
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB476*010#0350
B
47
10
4.7
8
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB476*010#0500
B
47
10
4.7
8
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB476*010#0650
B
47
10
4.7
8
650
1
0.362
0.325
0.145
0.235
0.212
0.094
TPSC476*010#0200
C
47
10
4.7
6
200
1
0.742
0.667
0.297
0.148
0.133
0.059
TPSC476*010#0350
C
47
10
4.7
6
350
1
0.561
0.505
0.224
0.196
0.177
0.078
TPSD476*010#0100
D
47
10
4.7
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD476*010#0300
D
47
10
4.7
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSW476*010#0125
W
47
10
4.7
6
125
1
0.849
0.764
0.339
0.106
0.095
0.042
TPSW476*010#0150
W
47
10
4.7
6
150
1
0.775
0.697
0.310
0.116
0.105
0.046
TPSW476*010#0250
W
47
10
4.7
6
250
1
0.600
0.540
0.240
0.150
0.135
0.060
TPSB686*010#0600
B
68
10
6.8
8
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSC686*010#0080
C
68
10
6.8
6
80
1
1.173
1.055
0.469
0.094
0.084
0.038
TPSC686*010#0100
C
68
10
6.8
6
100
1
1.049
0.944
0.420
0.105
0.094
0.042
TPSC686*010#0200
C
68
10
6.8
6
200
1
0.742
0.667
0.297
0.148
0.133
0.059
TPSC686*010#0300
C
68
10
6.8
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPSD686*010#0100
D
68
10
6.8
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD686*010#0150
D
68
10
6.8
6
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSY686*010#0100
Y
68
10
6.8
6
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSY686*010#0200
Y
68
10
6.8
6
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSW686*010#0100
W
68
10
6.8
6
100
1
0.949
0.854
0.379
0.095
0.085
0.038
TPSW686*010#0150
W
68
10
6.8
6
150
1
0.775
0.697
0.310
0.116
0.105
0.046
TPSB107M010#0400
B
100
10
10
8
400
1
0.461
0.415
0.184
0.184
0.166
0.074
TPSC107*010#0075
C
100
10
10
8
75
1
1.211
1.090
0.484
0.091
0.082
0.036
TPSC107*010#0100
C
100
10
10
8
100
1
1.049
0.944
0.420
0.105
0.094
0.042
TPSC107*010#0150
C
100
10
10
8
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC107*010#0200
C
100
10
10
8
200
1
0.742
0.667
0.297
0.148
0.133
0.059
TPSD107*010#0050
D
100
10
10
6
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSD107*010#0065
D
100
10
10
6
65
1
1.519
1.367
0.608
0.099
0.089
0.039
TPSD107*010#0080
D
100
10
10
6
80
1
1.369
1.232
0.548
0.110
0.099
0.044
TPSD107*010#0100
D
100
10
10
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD107*010#0125
D
100
10
10
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSD107*010#0150
D
100
10
10
6
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSE107*010#0125
E
100
10
10
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSW107*010#0150
W
100
10
10
6
150
1
0.775
0.697
0.310
0.116
0.105
0.046
TPSX107*010#0085
X
100
10
10
8
85
1
1)
1.085
0.976
0.434
0.092
0.083
0.037
TPSX107*010#0150
X
100
10
10
8
150
1
1)
0.816
0.735
0.327
0.122
0.110
0.049
TPSX107*010#0200
X
100
10
10
8
200
1
1)
0.707
0.636
0.283
0.141
0.127
0.057
TPSY107*010#0100
Y
100
10
10
6
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSY107*010#0150
Y
100
10
10
6
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSY107*010#0200
Y
100
10
10
6
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSC157*010#0150
C
150
10
15
8
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSD157*010#0050
D
150
10
15
8
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSD157*010#0085
D
150
10
15
8
85
1
1.328
1.196
0.531
0.113
0.102
0.045
TPSD157*010#0100
D
150
10
15
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSE157*010#0100
E
150
10
15
8
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSF157*010#0200
F
150
10
15
10
200
1
0.707
0.636
0.283
0.141
0.127
0.057
TPSX157M010#0100
X
150
10
15
6
100
1
1)
1.000
0.900
0.400
0.100
0.090
0.040
TPSY157*010#0100
Y
150
10
15
6
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSY157*010#0150
Y
150
10
15
6
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSY157*010#0200
Y
150
10
15
6
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSD227*010#0050
D
220
10
22
8
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSD227*010#0100
D
220
10
22
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD227*010#0150
D
220
10
22
8
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSE227*010#0050
E
220
10
22
8
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE227*010#0060
E
220
10
22
8
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE227*010#0070
E
220
10
22
8
70
1
1)
1.535
1.382
0.614
0.107
0.097
0.043
TPSE227*010#0100
E
220
10
22
8
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE227*010#0125
E
220
10
22
8
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE227*010#0150
E
220
10
22
8
150
1
1)
1.049
0.944
0.420
0.157
0.142
0.063
TPSY227*010#0100
Y
220
10
22
10
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSY227*010#0150
Y
220
10
22
10
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSY227*010#0200
Y
220
10
22
10
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSD337*010#0050
D
330
10
33
8
50
1
1.732
1.559
0.693
0.087
0.078
0.035
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
For AEC-Q200 availability, please contact AVX.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TPSC107K004S0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107K004S0100 AVX-TPSC107K004S0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K004S0100 AVX-TPSC107K004S0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K004S0100 AVX-TPSC107K004S0100 Datasheet
159Kb / 11P
   Low ESR
TPSC107K004S0100 AVX-TPSC107K004S0100 Datasheet
146Kb / 11P
   Low ESR
TPSC107K004S0100 AVX-TPSC107K004S0100 Datasheet
146Kb / 11P
   Low ESR
More results

Similar Description - TPSC107K004S0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
TPSA106K010R1800 AVX-TPSA106K010R1800 Datasheet
169Kb / 12P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com