Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJC106M002BNJ Datasheet(PDF) 1 Page - AVX Corporation

Part # TAJC106M002BNJ
Description  Standard Tantalum
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC106M002BNJ Datasheet(HTML) 1 Page - AVX Corporation

  TAJC106M002BNJ Datasheet HTML 1Page - AVX Corporation TAJC106M002BNJ Datasheet HTML 2Page - AVX Corporation TAJC106M002BNJ Datasheet HTML 3Page - AVX Corporation TAJC106M002BNJ Datasheet HTML 4Page - AVX Corporation TAJC106M002BNJ Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6
I SEPTEMBER 2013
HOW TO ORDER
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.10 μF to 2200 μF
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (VR)
+85°C:
2.5
4
6.3
10
16
20
25
35
50
Category Voltage (VC)
+125°C:
1.7
2.7
4
7
10
13
17
23
33
Surge Voltage (VS)
+85°C:
3.3
5.2
8
13
20
26
32
46
65
Surge Voltage (VS)
+125°C:
2.2
3.4
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance,
60% confidence level
Qualification:
CECC 30801 - 005 issue 2
EIA 535BAAC
Termination Finished:
Sn Plating (standard), Gold and SnPb Plating upon request
For AEC-Q200 availability, please contact AVX
TAJ Series
Standard Tantalum
TECHNICAL SPECIFICATIONS
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008) H+0.20 (0.008)
W
1±0.20
A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
-0.10 (0.004)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
A
1206
3216-18
3.20 (0.126)
1.60 (0.063)
1.60 (0.063)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
B
1210
3528-21
3.50 (0.138)
2.80 (0.110)
1.90 (0.075)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
C
2312
6032-28
6.00 (0.236)
3.20 (0.126)
2.60 (0.102)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
D
2917
7343-31
7.30 (0.287)
4.30 (0.169)
2.90 (0.114)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
E
2917
7343-43
7.30 (0.287)
4.30 (0.169)
4.10 (0.162)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
U
2924
7361-43
7.30 (0.287)
6.10 (0.240)
4.10 (0.162)
3.10 (0.120)
1.30 (0.051)
4.40 (0.173)
V
2924
7361-38
7.30 (0.287)
6.10 (0.240)
3.55 (0.140)
3.10 (0.120)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
For part marking see page 157
TAJ
Type
C
Case Size
See table
above
106
Capacitance Code
pF code: 1st two
digits represent
significant figures
3rd digit represents
multiplier (number of
zeros to follow)
M
Tolerance
K=±10%
M=±20%
035
Rated DC Voltage
002=2.5Vdc
004=4Vdc
006=6.3Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
035=35Vdc
050=50Vdc
R
Packaging
R = Pure Tin 7" Reel
S = Pure Tin 13" Reel
A = Gold Plating 7" Reel
B = Gold Plating 13" Reel
H = Tin Lead 7" Reel
(Contact Manufacturer)
K = Tin Lead 13" Reel
(Contact Manufacturer)
H, K = Non RoHS
NJ
Specification
Suffix
NJ = Standard
Suffix
Additional
characters may be
added for special
requirements
V = Dry pack Option
(selected codes only)
General purpose SMT chip tantalum series
7 case sizes available
Low profile options available
CV range: 0.10-2200μF / 2.5-50V
LEAD-FREE COMPATIBLE
COMPONENT
SnPb termination option is not
RoHS compliant.


Similar Part No. - TAJC106M002BNJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC106M002BNJ AVX-TAJC106M002BNJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJC106M002BNJ AVX-TAJC106M002BNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106M002BNJ AVX-TAJC106M002BNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106M002BNJ AVX-TAJC106M002BNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106M002BNJ AVX-TAJC106M002BNJ Datasheet
117Kb / 5P
   Standard Tantalum
More results

Similar Description - TAJC106M002BNJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB106M016R AVX-TAJB106M016R Datasheet
41Kb / 4P
   Standard Tantalum
TAJB106K025RNJ AVX-TAJB106K025RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC335K050RNJ AVX-TAJC335K050RNJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJE226K035RNJ AVX-TAJE226K035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJB106K016RNJ AVX-TAJB106K016RNJ Datasheet
137Kb / 8P
   Standard Tantalum
TAJC336K016RNJ AVX-TAJC336K016RNJ Datasheet
118Kb / 5P
   Standard Tantalum
TAJD685M050RNJ AVX-TAJD685M050RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD227K010RNJ AVX-TAJD227K010RNJ Datasheet
143Kb / 8P
   Standard Tantalum
TAJA475K020RNJ AVX-TAJA475K020RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJA106K010RNJ AVX-TAJA106K010RNJ Datasheet
124Kb / 5P
   Standard Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com