Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC107K006S0100 Datasheet(PDF) 10 Page - AVX Corporation

Part # TPSC107K006S0100
Description  Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K006S0100 Datasheet(HTML) 10 Page - AVX Corporation

Back Button TPSC107K006S0100 Datasheet HTML 3Page - AVX Corporation TPSC107K006S0100 Datasheet HTML 4Page - AVX Corporation TPSC107K006S0100 Datasheet HTML 5Page - AVX Corporation TPSC107K006S0100 Datasheet HTML 6Page - AVX Corporation TPSC107K006S0100 Datasheet HTML 7Page - AVX Corporation TPSC107K006S0100 Datasheet HTML 8Page - AVX Corporation TPSC107K006S0100 Datasheet HTML 9Page - AVX Corporation TPSC107K006S0100 Datasheet HTML 10Page - AVX Corporation TPSC107K006S0100 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SEPTEMBER 2013
I 55
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSC685*025#0700
C
6.8
25
1.7
6
700
1
0.396
0.357
0.159
0.277
0.250
0.111
TPSB106*025#1800
B
10
25
2.5
6
1800
1
0.217
0.196
0.087
0.391
0.352
0.156
TPSC106*025#0300
C
10
25
2.5
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPSC106*025#0500
C
10
25
2.5
6
500
1
0.469
0.422
0.188
0.235
0.211
0.094
TPSD106*025#0500
D
10
25
2.5
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSC156*025#0220
C
15
25
3.8
6
220
1
0.707
0.636
0.283
0.156
0.140
0.062
TPSC156*025#0300
C
15
25
3.8
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPSD156*025#0100
D
15
25
3.8
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD156*025#0300
D
15
25
3.8
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSC226*025#0275
C
22
25
5.5
6
275
1
0.632
0.569
0.253
0.174
0.157
0.070
TPSC226*025#0400
C
22
25
5.5
6
400
1
0.524
0.472
0.210
0.210
0.189
0.084
TPSD226*025#0100
D
22
25
5.5
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD226*025#0200
D
22
25
5.5
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD226*025#0300
D
22
25
5.5
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD336*025#0100
D
33
25
8.3
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD336*025#0200
D
33
25
8.3
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD336*025#0300
D
33
25
8.3
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSE336*025#0100
E
33
25
8.3
6
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE336*025#0175
E
33
25
8.3
6
175
1
1)
0.971
0.874
0.388
0.170
0.153
0.068
TPSE336*025#0200
E
33
25
8.3
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSE336*025#0300
E
33
25
8.3
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSY336*025#0200
Y
33
25
8.3
6
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSD476*025#0125
D
47
25
11.8
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSD476*025#0150
D
47
25
11.8
6
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSD476*025#0250
D
47
25
11.8
6
250
1
0.775
0.697
0.310
0.194
0.174
0.077
TPSE476*025#0080
E
47
25
11.8
6
80
1
1)
1.436
1.293
0.574
0.115
0.103
0.046
TPSE476*025#0100
E
47
25
11.8
6
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE476*025#0125
E
47
25
11.8
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSY476*025#0250
Y
47
25
11.8
6
250
1
1)
0.707
0.636
0.283
0.177
0.159
0.071
TPSE686*025#0125
E
68
25
17
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE686*025#0200
E
68
25
17
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSV686*025#0080
V
68
25
17
6
80
1
1)
1.768
1.591
0.707
0.141
0.127
0.057
TPSV686*025#0095
V
68
25
17
6
95
1
1)
1.622
1.460
0.649
0.154
0.139
0.062
TPSV686*025#0150
V
68
25
17
6
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
TPSV686*025#0200
V
68
25
17
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
TPSE107M025#0150
E
100
25
25
10
150
1
1)
1.049
0.944
0.420
0.157
0.142
0.063
TPSV107*025#0100
V
100
25
25
8
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
TPSV157M025#0150
V
150
25
37.5
10
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
35 Volt @ 85ºC (23 Volt @ 125ºC)
TPSA224*035#6000
A
0.22
35
0.5
4
6000
1
0.112
0.101
0.045
0.671
0.604
0.268
TPSA334*035#6000
A
0.33
35
0.5
4
6000
1
0.112
0.101
0.045
0.671
0.604
0.268
TPSA474*035#6000
A
0.47
35
0.5
4
6000
1
0.112
0.101
0.045
0.671
0.604
0.268
TPSB474*035#4000
B
0.47
35
0.5
4
4000
1
0.146
0.131
0.058
0.583
0.525
0.233
TPSA684*035#6000
A
0.68
35
0.5
4
6000
1
0.112
0.101
0.045
0.671
0.604
0.268
TPSA105*035#3000
A
1
35
0.5
4
3000
1
0.158
0.142
0.063
0.474
0.427
0.190
TPSB105*035#2000
B
1
35
0.5
4
2000
1
0.206
0.186
0.082
0.412
0.371
0.165
TPSA155*035#3000
A
1.5
35
0.5
6
3000
1
0.158
0.142
0.063
0.474
0.427
0.190
TPSB155*035#2500
B
1.5
35
0.5
6
2500
1
0.184
0.166
0.074
0.461
0.415
0.184
TPSA225*035#1500
A
2.2
35
0.8
6
1500
1
0.224
0.201
0.089
0.335
0.302
0.134
TPSB225*035#0750
B
2.2
35
0.8
6
750
1
0.337
0.303
0.135
0.252
0.227
0.101
TPSB225*035#1500
B
2.2
35
0.8
6
1500
1
0.238
0.214
0.095
0.357
0.321
0.143
TPSB225*035#2000
B
2.2
35
0.8
6
2000
1
0.206
0.186
0.082
0.412
0.371
0.165
TPSC225*035#1000
C
2.2
35
0.8
6
1000
1
0.332
0.298
0.133
0.332
0.298
0.133
TPSB335*035#1000
B
3.3
35
1.2
6
1000
1
0.292
0.262
0.117
0.292
0.262
0.117
TPSC335*035#0700
C
3.3
35
1.2
6
700
1
0.396
0.357
0.159
0.277
0.250
0.111
TPSB475*035#0700
B
4.7
35
1.6
6
700
1
0.348
0.314
0.139
0.244
0.220
0.098
TPSB475*035#1500
B
4.7
35
1.6
6
1500
1
0.238
0.214
0.095
0.357
0.321
0.143
TPSC475*035#0600
C
4.7
35
1.6
6
600
1
0.428
0.385
0.171
0.257
0.231
0.103
TPSD475*035#0700
D
4.7
35
1.6
6
700
1
0.463
0.417
0.185
0.324
0.292
0.130
TPSC685*035#0350
C
6.8
35
2.4
6
350
1
0.561
0.505
0.224
0.196
0.177
0.078
TPSD685*035#0150
D
6.8
35
2.4
6
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSD685*035#0400
D
6.8
35
2.4
6
400
1
0.612
0.551
0.245
0.245
0.220
0.098
TPSD685*035#0500
D
6.8
35
2.4
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSC106*035#0600
C
10
35
3.5
6
600
1
0.428
0.385
0.171
0.257
0.231
0.103
TPSD106*035#0125
D
10
35
3.5
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSD106*035#0300
D
10
35
3.5
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSE106*035#0200
E
10
35
3.5
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
For AEC-Q200 availability, please contact AVX.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TPSC107K006S0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107K006S0100 AVX-TPSC107K006S0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K006S0100 AVX-TPSC107K006S0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K006S0100 AVX-TPSC107K006S0100 Datasheet
159Kb / 11P
   Low ESR
TPSC107K006S0100 AVX-TPSC107K006S0100 Datasheet
146Kb / 11P
   Low ESR
TPSC107K006S0100 AVX-TPSC107K006S0100 Datasheet
163Kb / 11P
   Low ESR
More results

Similar Description - TPSC107K006S0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
TPSA106K010R1800 AVX-TPSA106K010R1800 Datasheet
169Kb / 12P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com