Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7846N Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7846N
Description  TOUCH SCREEN CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7846N Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS7846N Datasheet HTML 1Page - Burr-Brown (TI) ADS7846N Datasheet HTML 2Page - Burr-Brown (TI) ADS7846N Datasheet HTML 3Page - Burr-Brown (TI) ADS7846N Datasheet HTML 4Page - Burr-Brown (TI) ADS7846N Datasheet HTML 5Page - Burr-Brown (TI) ADS7846N Datasheet HTML 6Page - Burr-Brown (TI) ADS7846N Datasheet HTML 7Page - Burr-Brown (TI) ADS7846N Datasheet HTML 8Page - Burr-Brown (TI) ADS7846N Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ADS7846
3
SBAS125H
www.ti.com
ANALOG INPUT
Full-Scale Input Span
Positive Input-Negative Input
0
VREF
V
Absolute Input Range
Positive Input
–0.2
+VCC + 0.2
V
Negative Input
–0.2
+0.2
V
Capacitance
25
pF
Leakage Current
0.1
µA
SYSTEM PERFORMANCE
Resolution
12
Bits
No Missing Codes
11
Bits
Integral Linearity Error
±2
LSB(1)
Offset Error
±6LSB
Gain Error
External VREF
±4LSB
Noise
Including Internal VREF
70
µVrms
Power-Supply Rejection
70
dB
SAMPLING DYNAMICS
Conversion Time
12
CLK Cycles
Acquisition Time
3
CLK Cycles
Throughput Rate
125
kHz
Multiplexer Settling Time
500
ns
Aperture Delay
30
ns
Aperture Jitter
100
ps
Channel-to-Channel Isolation
VIN = 2.5Vp-p at 50kHz
100
dB
SWITCH DRIVERS
On-Resistance
Y+, X+
5
Y–, X–
6
Drive Current(2)
Duration 100ms
50
mA
REFERENCE OUTPUT
Internal Reference Voltage
2.45
2.50
2.55
V
Internal Reference Drift
15
ppm/
°C
Quiescent Current
500
µA
REFERENCE INPUT
Range
1.0
+VCC
V
Input Impedance
SER/DFR = 0, PD1 = 0,
1
G
Internal Reference Off
Internal Reference On
250
BATTERY MONITOR
Input Voltage Range
0.5
6.0
V
Input Impedance
Sampling Battery
10
k
Battery Monitor Off
1G
Accuracy
External VREF = 2.5V
–2+2
%
Internal Reference
–3+3
%
TEMPERATURE MEASUREMENT
Temperature Range
–40
+85
°C
Resolution
Differential Method(3)
1.6
°C
TEMP0(4)
0.3
°C
Accuracy
Differential Method(3)
±2
°C
TEMP0(4)
±3
°C
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels, Except PENIRQ
VIH
| IIH | ≤ +5µA+VCC • 0.7
+VCC + 0.3
VIL
| IIL | ≤ +5µA
–0.3
+0.8
V
VOH
IOH = –250µA+VCC • 0.8
V
VOL
IOL = 250µA
0.4
V
PENIRQ
VOL
TA = 0°C to +85°C, 50kΩ Pull-Up
0.8
V
Data Format
Straight Binary
POWER-SUPPLY REQUIREMENTS
+VCC(5)
Specified Performance
2.7
3.6
V
Operating Range
2.2
5.25
V
Quiescent Current
Internal Reference Off
280
650
µA
Internal Reference On
780
µA
fSAMPLE = 12.5kHz
220
µA
Power-Down Mode with
3
µA
CS = DCLK = DIN = +VCC
Power Dissipation
+VCC = +2.7V
1.8
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
NOTES: (1) LSB means least significant bit. With VREF equal to +2.5V, one LSB is 610µV. (2) Ensured by design, but not tested. Exceeding 50mA source current
may result in device degradation. (3) Difference between TEMP0 and TEMP1 measurement. No calibration necessary. (4) Temperature drift is –2.1mV/
°C.
(5) ADS7846 operates down to 2.2V.
ADS7846E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, +VCC = +2.7V, VREF = 2.5V internal voltage, fSAMPLE = 125kHz, fCLK = 16 • fSAMPLE = 2MHz, 12-bit mode, and digital inputs = GND or +VCC,
unless otherwise noted.


Similar Part No. - ADS7846N

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7846N BURR-BROWN-ADS7846N Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Texas Instruments
ADS7846N TI1-ADS7846N Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7846N TI1-ADS7846N Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7846N TI-ADS7846N Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846N/2K5 BURR-BROWN-ADS7846N/2K5 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
More results

Similar Description - ADS7846N

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com