Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ15MC0950KBA Datasheet(PDF) 6 Page - AVX Corporation

Part # VJ15MC0950KBA
Description  Medium Power Multilayer Chip Varistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VJ15MC0950KBA Datasheet(HTML) 6 Page - AVX Corporation

  VJ15MC0950KBA Datasheet HTML 1Page - AVX Corporation VJ15MC0950KBA Datasheet HTML 2Page - AVX Corporation VJ15MC0950KBA Datasheet HTML 3Page - AVX Corporation VJ15MC0950KBA Datasheet HTML 4Page - AVX Corporation VJ15MC0950KBA Datasheet HTML 5Page - AVX Corporation VJ15MC0950KBA Datasheet HTML 6Page - AVX Corporation VJ15MC0950KBA Datasheet HTML 7Page - AVX Corporation VJ15MC0950KBA Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
16
Medium Power MLV (VJ13, 14, 15, 20)
Medium Power Multilayer Chip Varistor
Transient Voltage Suppression, ESD Protection Devices & EMI Devices
AUTOMOTIVE SERIES – VJ13, 14, 15, 20
AUTOMOTIVE LOAD DUMP TEST
(According to ISO DP7637/2 Pulse 5)
Vz
Vi
0V
Tr
Td
10%
90%
t
When using the test method indicated below,
the amount of Energy dissipated by the
varistor must not exceed the Load Dump
Energy value specified in the product table.
Voltage Pulse applied to the varistor:
12V Network
Vi = 13.5V
Td = 100 to 350ms
Ri = 2 Ohms (Internal Resistance)
Vz - 70 to 200V
Number of Pulses = 10 Pulses
Other Load Dump Simulations can be achieved
24V Network
Vi = 27V
Td = 100 to 350ms
Ri = 2 Ohms (Internal Resistance)
Vz - 70 to 200V
Number of Pulses = 10 Pulses
16%
14%
12%
10%
8%
6%
4%
2%
0%
0
100
200
300
Number of Strikes
VJ20MA0160K @200A
VJ13MA0160K @400A
VJ15MA0340K @1200A
VJ14MA0160K @800A
VJ15MA0160K @1200A
VJ15PA0160K @1200A
400
500
600
PULSE DEGRADATION
Repetitive Peak Current Strikes


Similar Part No. - VJ15MC0950KBA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ15MC0950KBA AVX-VJ15MC0950KBA Datasheet
309Kb / 9P
   Medium Power Multilayer Chip Varistor
VJ15MC0950KBA AVX-VJ15MC0950KBA Datasheet
1Mb / 12P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
More results

Similar Description - VJ15MC0950KBA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ15MA0340KBA AVX-VJ15MA0340KBA Datasheet
309Kb / 9P
   Medium Power Multilayer Chip Varistor
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603-180 ABRACON-AMCV-0603-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com