Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

842-AG44D-ES Datasheet(PDF) 2 Page - Tyco Electronics

Part # 842-AG44D-ES
Description  DIP SOCKET 800 SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

842-AG44D-ES Datasheet(HTML) 2 Page - Tyco Electronics

  842-AG44D-ES Datasheet HTML 1Page - Tyco Electronics 842-AG44D-ES Datasheet HTML 2Page - Tyco Electronics 842-AG44D-ES Datasheet HTML 3Page - Tyco Electronics 842-AG44D-ES Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Similar Part No. - 842-AG44D-ES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
842-005-500-101 EDAC-842-005-500-101 Datasheet
113Kb / 3P
   842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-005-500-101 EDAC-842-005-500-101 Datasheet
283Kb / 3P
   842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-005-500-102 EDAC-842-005-500-102 Datasheet
283Kb / 3P
   842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-005-500-103 EDAC-842-005-500-103 Datasheet
283Kb / 3P
   842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-005-500-104 EDAC-842-005-500-104 Datasheet
283Kb / 3P
   842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
More results

Similar Description - 842-AG44D-ES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437539-6 MACOM-2-1437539-6 Datasheet
933Kb / 4P
   DIP SOCKET, 800 SERIES
2-1437539-2 MACOM-2-1437539-2 Datasheet
933Kb / 4P
   DIP SOCKET, 800 SERIES
816-AG10D MACOM-816-AG10D Datasheet
933Kb / 4P
   DIP SOCKET, 800 SERIES
2-1437539-9 MACOM-2-1437539-9 Datasheet
933Kb / 4P
   DIP SOCKET, 800 SERIES
2-1437538-7 MACOM-2-1437538-7 Datasheet
933Kb / 4P
   DIP SOCKET, 800 SERIES
840-AG11D-ESL MACOM-840-AG11D-ESL Datasheet
939Kb / 4P
   DIP SOCKET 800 SERIES
2-1437538-9 MACOM-2-1437538-9 Datasheet
933Kb / 4P
   DIP SOCKET, 800 SERIES
2-1437539-0 MACOM-2-1437539-0 Datasheet
933Kb / 4P
   DIP SOCKET, 800 SERIES
2-1437540-2 MACOM-2-1437540-2 Datasheet
933Kb / 4P
   DIP SOCKET, 800 SERIES
2-1437537-1 MACOM-2-1437537-1 Datasheet
933Kb / 4P
   DIP SOCKET, 800 SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com