Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY61L10248AGL-12 Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY61L10248AGL-12
Description  1M X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L10248AGL-12 Datasheet(HTML) 5 Page - Lyontek Inc.

  LY61L10248AGL-12 Datasheet HTML 1Page - Lyontek Inc. LY61L10248AGL-12 Datasheet HTML 2Page - Lyontek Inc. LY61L10248AGL-12 Datasheet HTML 3Page - Lyontek Inc. LY61L10248AGL-12 Datasheet HTML 4Page - Lyontek Inc. LY61L10248AGL-12 Datasheet HTML 5Page - Lyontek Inc. LY61L10248AGL-12 Datasheet HTML 6Page - Lyontek Inc. LY61L10248AGL-12 Datasheet HTML 7Page - Lyontek Inc. LY61L10248AGL-12 Datasheet HTML 8Page - Lyontek Inc. LY61L10248AGL-12 Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LY61L10248A
Rev. 1.3
1M X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. 9, Science-Based Industrial Park, Hsinchu County 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 4.6
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
0 to 70(C grade)
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure to the absolute maximum
rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
CE#
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
High-Z
ISB1
Output Disable
L
H
H
High-Z
ICC
Read
L
L
H
DOUT
ICC
Write
L
X
L
DIN
ICC
Note:
H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
-8
3.0
3.3
3.6
V
-10/12
2.7
3.3
3.6
V
Input High Voltage
VIH
*1
2.2
-
VCC+0.3
V
Input Low Voltage
VIL
*2
- 0.3
-
0.8
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -4mA
2.4
-
-
V
Output Low Voltage
VOL
IOL =8mA
-
-
0.4
V
Average Operating
Power supply Current
Icc
CE# = VIL , II/O = 0mA
;f=max
-8
-
110
140
mA
-10
-
100
130
mA
-12
-
90
120
mA
Icc1
CE# ≦0.2, Other pin is
at 0.2V or Vcc-0.2V
II/O = 0mA;f=max
-8
-
90
120
mA
-10
-
80
110
mA
-12
-
70
100
mA
Standby Power
Supply Current
Isb
CE# ≧Vih
Other pin is at Vil or Vih
-
-
40
mA
Standby Power
Supply Current
ISB1
CE#
V
CC - 0.2V;
Other pin is at 0.2V or Vcc-0.2V
-
3
25
mA
Notes:
1. VIH(max) = VCC + 2.0V for pulse width less than 6ns.
2. VIL(min) = VSS - 2.0V for pulse width less than 6ns.
3. Over/Undershoot specifications are characterized on engineering evaluation stage, not for mass production test.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25℃


Similar Part No. - LY61L10248AGL-12

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L10248AGL-12

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV8001 BSI-BH62UV8001 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH616UV1611 BSI-BH616UV1611 Datasheet
149Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
logo
Samsung semiconductor
KM611001 SAMSUNG-KM611001 Datasheet
95Kb / 8P
   1M x 1Bit High-Speed CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com