Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY61L10248AGL-12T Datasheet(PDF) 6 Page - Lyontek Inc.

Part # LY61L10248AGL-12T
Description  1M X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L10248AGL-12T Datasheet(HTML) 6 Page - Lyontek Inc.

Back Button LY61L10248AGL-12T Datasheet HTML 2Page - Lyontek Inc. LY61L10248AGL-12T Datasheet HTML 3Page - Lyontek Inc. LY61L10248AGL-12T Datasheet HTML 4Page - Lyontek Inc. LY61L10248AGL-12T Datasheet HTML 5Page - Lyontek Inc. LY61L10248AGL-12T Datasheet HTML 6Page - Lyontek Inc. LY61L10248AGL-12T Datasheet HTML 7Page - Lyontek Inc. LY61L10248AGL-12T Datasheet HTML 8Page - Lyontek Inc. LY61L10248AGL-12T Datasheet HTML 9Page - Lyontek Inc. LY61L10248AGL-12T Datasheet HTML 10Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LY61L10248A
Rev. 1.3
1M X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. 9, Science-Based Industrial Park, Hsinchu County 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
CAPACITANCE (TA = 25 , f
= 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
8
pF
Input/Output Capacitance
CI/O
-
10
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
speed
8ns/10/12ns
Input Pulse Levels
0.2V to Vcc-0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL,
IOH/IOL = -4mA/8mA
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
PARAMETER
SYM.
LY61L10248A
-8
LY61L10248A
-10
LY61L10248A
-12
UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
8
-
10
-
12
-
ns
Address Access Time
tAA
-
8
-
10
-
12
ns
Chip Enable Access Time
tACE
-
8
-
10
-
12
ns
Output Enable Access Time
tOE
-4.5
-4.5
-
5
ns
Chip Enable to Output in Low-Z
tCLZ*
2
-2-3
-
ns
Output Enable to Output in Low-Z
tOLZ*
0
-0-0
-
ns
Chip Disable to Output in High-Z
tCHZ*
-
3-
4-
5
ns
Output Disable to Output in High-Z
tOHZ*
-
3-
4-
5
ns
Output Hold from Address Change
tOH
2-2-2
-
ns
(2) WRITE CYCLE
PARAMETER
SYM.
LY61L10248A
-8
LY61L10248A
-10
LY61L10248A
-12
UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Write Cycle Time
tWC
8
-
10
-
12
-
ns
Address Valid to End of Write
tAW
6.5
-
8
-
10
-
ns
Chip Enable to End of Write
tCW
6.5
-
8
-
10
-
ns
Address Set-up Time
tAS
0-0-0
-
ns
Write Pulse Width
tWP
6.5
-
8
-
10
-
ns
Write Recovery Time
tWR
0-0-0
-
ns
Data to Write Time Overlap
tDW
5
-
6
-
7
-
ns
Data Hold from End of Write Time
tDH
0-0-0
-
ns
Output Active from End of Write
tOW*
2
-2-2
-
ns
Write to Output in High-Z
tWHZ*
-
3-
4-
5
ns
*These parameters are guaranteed by device characterization, but not production tested.
TIMING WAVEFORMS


Similar Part No. - LY61L10248AGL-12T

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L10248AGL-12T

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV8001 BSI-BH62UV8001 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH616UV1611 BSI-BH616UV1611 Datasheet
149Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
logo
Samsung semiconductor
KM611001 SAMSUNG-KM611001 Datasheet
95Kb / 8P
   1M x 1Bit High-Speed CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com