Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY61L51216AGL-10T Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY61L51216AGL-10T
Description  512K X 16 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L51216AGL-10T Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY61L51216AGL-10T Datasheet HTML 4Page - Lyontek Inc. LY61L51216AGL-10T Datasheet HTML 5Page - Lyontek Inc. LY61L51216AGL-10T Datasheet HTML 6Page - Lyontek Inc. LY61L51216AGL-10T Datasheet HTML 7Page - Lyontek Inc. LY61L51216AGL-10T Datasheet HTML 8Page - Lyontek Inc. LY61L51216AGL-10T Datasheet HTML 9Page - Lyontek Inc. LY61L51216AGL-10T Datasheet HTML 10Page - Lyontek Inc. LY61L51216AGL-10T Datasheet HTML 11Page - Lyontek Inc. LY61L51216AGL-10T Datasheet HTML 12Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LY61L51216A
Rev. 1.3
512K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. 9, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
10
®
ORDERING INFORMATION
Package Type
Access Time
(Speed)(ns)
Temperature
Range(℃)
Packing
Type
Lyontek Item No.
44Pin(400mil)
TSOP-II
8
0℃~70℃
Tray
LY61L51216AML-8
Tape Reel
LY61L51216AML-8T
-40℃~85℃
Tray
LY61L51216AML-8I
Tape Reel
LY61L51216AML-8IT
10
0℃~70℃
Tray
LY61L51216AML-10
Tape Reel
LY61L51216AML-10T
-40℃~85℃
Tray
LY61L51216AML-10I
Tape Reel
LY61L51216AML-10IT
12
0℃~70℃
Tray
LY61L51216AML-12
Tape Reel
LY61L51216AML-12T
-40℃~85℃
Tray
LY61L51216AML-12I
Tape Reel
LY61L51216AML-12IT
48-ball(6mmx8mm)
TFBGA
8
0℃~70℃
Tray
LY61L51216AGL-8
Tape Reel
LY61L51216AGL-8T
-40℃~85℃
Tray
LY61L51216AGL-8I
Tape Reel
LY61L51216AGL-8IT
10
0℃~70℃
Tray
LY61L51216AGL-10
Tape Reel
LY61L51216AGL-10T
-40℃~85℃
Tray
LY61L51216AGL-10I
Tape Reel
LY61L51216AGL-10IT
12
0℃~70℃
Tray
LY61L51216AGL-12
Tape Reel
LY61L51216AGL-12T
-40℃~85℃
Tray
LY61L51216AGL-12I
Tape Reel
LY61L51216AGL-12IT


Similar Part No. - LY61L51216AGL-10T

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L51216A LYONTEK-LY61L51216A_16 Datasheet
793Kb / 15P
   512K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L51216AGL-10T

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C38098A-10TIN ALSC-AS7C38098A-10TIN Datasheet
505Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L51216A LYONTEK-LY61L51216A_16 Datasheet
793Kb / 15P
   512K X 16 BIT HIGH SPEED CMOS SRAM
LY61L51332A LYONTEK-LY61L51332A_17 Datasheet
781Kb / 13P
   512K X 32 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128_10 Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128_17 Datasheet
637Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128 Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BH616UV8011 BSI-BH616UV8011 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8011 BSI-BH616UV8011_08 Datasheet
238Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com