Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA028P2-99 Datasheet(PDF) 2 Page - Alpha Industries

Part # AA028P2-99
Description  25-31 GHz Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA028P2-99 Datasheet(HTML) 2 Page - Alpha Industries

  AA028P2-99 Datasheet HTML 1Page - Alpha Industries AA028P2-99 Datasheet HTML 2Page - Alpha Industries AA028P2-99 Datasheet HTML 3Page - Alpha Industries AA028P2-99 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
25–31 GHz Amplifier
AA028P2-99
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 2/00A
Characteristic
Value
Operating Temperature (TC)
-55°C to +90°C
Storage Temperature (TST)
-65°C to +150°C
Bias Voltage (VD1)7 VDC
Power In (PIN)
13 dBm
Absolute Maximum Ratings
Gain vs. Frequency
20
25
30
35
Frequency (GHz)
0
5
10
15
20
-55˚C
+85˚C
+25˚C
Output Power vs. Frequency
Frequency (GHz)
10
12
14
16
18
20
25
27
29
31
Return Loss vs. Frequency
-15
-10
-5
0
20
25
30
35
Frequency (GHz)
S11
S22
Typical Performance Data
Outline
AA028P2-99
YYWW
0.022
(0.56 mm)
0.180
(4.57 mm)
0.090 (2.29 mm)
0.028
(0.71 mm)
0.057
(1.45 mm)
0.008
(0.20 mm)
0.011
(0.28 mm)
0.295 (7.49 mm)
0.225 (5.72 mm)
PIN 1
IDENTIFICATION


Similar Part No. - AA028P2-99

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P2-00 ALPHA-AA028P2-00 Datasheet
80Kb / 2P
   27-31 GHz GaAs MMIC Driver Amplifier
AA028P2-A2 ALPHA-AA028P2-A2 Datasheet
546Kb / 4P
   25-31 GHz Surface Mount Amplifier
More results

Similar Description - AA028P2-99

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P2-A2 ALPHA-AA028P2-A2 Datasheet
546Kb / 4P
   25-31 GHz Surface Mount Amplifier
logo
TriQuint Semiconductor
QPA2628D TRIQUINT-QPA2628D Datasheet
1Mb / 14P
   25 ??31 GHz GaAs Low Noise Amplifier
logo
Qorvo, Inc
QPA2628D QORVO-QPA2628D Datasheet
1,001Kb / 14P
   25 ??31 GHz GaAs Low Noise Amplifier
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
   27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
logo
Filtronic Compound Semi...
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
   31 GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4509-EPU TRIQUINT-TGA4509-EPU Datasheet
153Kb / 8P
   27 - 31 GHz 1W Power Amplifier
TGA4544-SM TRIQUINT-TGA4544-SM Datasheet
1Mb / 14P
   26 ??31 GHz 1W Power Amplifier
logo
Fairchild Semiconductor
RMDA29000 FAIRCHILD-RMDA29000 Datasheet
120Kb / 8P
   27-31 GHz Drive Amplifier MMIC
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com