Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY61L12816GL-25LLI Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY61L12816GL-25LLI
Description  128K X 16 BIT HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L12816GL-25LLI Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY61L12816GL-25LLI Datasheet HTML 6Page - Lyontek Inc. LY61L12816GL-25LLI Datasheet HTML 7Page - Lyontek Inc. LY61L12816GL-25LLI Datasheet HTML 8Page - Lyontek Inc. LY61L12816GL-25LLI Datasheet HTML 9Page - Lyontek Inc. LY61L12816GL-25LLI Datasheet HTML 10Page - Lyontek Inc. LY61L12816GL-25LLI Datasheet HTML 11Page - Lyontek Inc. LY61L12816GL-25LLI Datasheet HTML 12Page - Lyontek Inc. LY61L12816GL-25LLI Datasheet HTML 13Page - Lyontek Inc. LY61L12816GL-25LLI Datasheet HTML 14Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LY61L12816
Rev. 1.5
128K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
10
®
PACKAGE OUTLINE DIMENSION
44-pin 400mil TSOP-Ⅱ Package Outline Dimension
SYMBOLS
DIMENSIONS IN MILLMETERS
DIMENSIONS IN MILS
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-
-
1.20
-
-
47.2
A1
0.05
0.10
0.15
2.0
3.9
5.9
A2
0.95
1.00
1.05
37.4
39.4
41.3
b
0.30
-
0.45
11.8
-
17.7
c
0.12
-
0.21
4.7
-
8.3
D
18.212
18.415
18.618
717
725
733
E
11.506
11.760
12.014
453
463
473
E1
9.957
10.160
10.363
392
400
408
e
-
0.800
-
-
31.5
-
L
0.40
0.50
0.60
15.7
19.7
23.6
ZD
-
0.805
-
-
31.7
-
y
-
-
0.076
-
-
3
Θ
0
o
3
o
6
o
0
o
3
o
6
o


Similar Part No. - LY61L12816GL-25LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L12816 LYONTEK-LY61L12816 Datasheet
164Kb / 13P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816AML-10 LYONTEK-LY61L12816AML-10 Datasheet
265Kb / 12P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816AML-10I LYONTEK-LY61L12816AML-10I Datasheet
265Kb / 12P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816AML-10IT LYONTEK-LY61L12816AML-10IT Datasheet
265Kb / 12P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816AML-10T LYONTEK-LY61L12816AML-10T Datasheet
265Kb / 12P
   128K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L12816GL-25LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L12816 LYONTEK-LY61L12816 Datasheet
164Kb / 13P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816A LYONTEK-LY61L12816A_13 Datasheet
265Kb / 12P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816A LYONTEK-LY61L12816A_17 Datasheet
800Kb / 15P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY6112816_1008 LYONTEK-LY6112816_1008 Datasheet
167Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
LY6112816 LYONTEK-LY6112816 Datasheet
160Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
LY6112816 LYONTEK-LY6112816_16 Datasheet
655Kb / 12P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com