Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62L20488GL-70SL Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY62L20488GL-70SL
Description  2048K X 8 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L20488GL-70SL Datasheet(HTML) 5 Page - Lyontek Inc.

  LY62L20488GL-70SL Datasheet HTML 1Page - Lyontek Inc. LY62L20488GL-70SL Datasheet HTML 2Page - Lyontek Inc. LY62L20488GL-70SL Datasheet HTML 3Page - Lyontek Inc. LY62L20488GL-70SL Datasheet HTML 4Page - Lyontek Inc. LY62L20488GL-70SL Datasheet HTML 5Page - Lyontek Inc. LY62L20488GL-70SL Datasheet HTML 6Page - Lyontek Inc. LY62L20488GL-70SL Datasheet HTML 7Page - Lyontek Inc. LY62L20488GL-70SL Datasheet HTML 8Page - Lyontek Inc. LY62L20488GL-70SL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LY62L20488
Rev. 1.1
2048K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
2.7
3.0
3.6
V
Input High Voltage
VIH
*1
2.2
-
VCC+0.3
V
Input Low Voltage
VIL
*2
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.2
2.7
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL and CE2 = VIH
II/O = 0mA
Other pins at VIL or VIH
- 55
-
45
60
mA
- 70
-
30
45
mA
ICC1
Cycle time = 1µs
CE#0.2V and CE2VCC-0.2V
II/O = 0mA
other pins at 0.2V or VCC-0.2V
-
8
16
mA
Standby Power
Supply Current
ISB
CE# = VIH or CE2 = VIL
Other pins at VIL or VIH
-
0.3
2
mA
ISB1
CE#
V
CC-0.2V
or CE2≦0.2V
Other pins at 0.2V
or VCC-0.2V
LL
-
10
60
µA
LLE
-
10
80
µA
LLI
-
10
100
µA
SL
*5
SLE
*5
SLI
*5
25
-
4
6
µA
40
-
4
6
µA
SL
-
4
30
µA
SLE
-
4
30
µA
SLI
-
4
40
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25
5. This parameter is measured at VCC = 3.0V


Similar Part No. - LY62L20488GL-70SL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L20488GL-70SL LYONTEK-LY62L20488GL-70SL Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488GL-70SLE LYONTEK-LY62L20488GL-70SLE Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488GL-70SLET LYONTEK-LY62L20488GL-70SLET Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488GL-70SLI LYONTEK-LY62L20488GL-70SLI Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488GL-70SLIT LYONTEK-LY62L20488GL-70SLIT Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L20488GL-70SL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6220488 LYONTEK-LY6220488_11 Datasheet
156Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488_16 Datasheet
229Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_16 Datasheet
230Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488_16 Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488 Datasheet
158Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_13 Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488 Datasheet
159Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_13 Datasheet
237Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_16 Datasheet
429Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L204916A LYONTEK-LY62L204916A_16 Datasheet
369Kb / 12P
   2048K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com