Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN016-100XS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN016-100XS
Description  N-channel 100V 16 m廓 standard level MOSFET in TO220F (SOT186A)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN016-100XS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN016-100XS Datasheet HTML 3Page - NXP Semiconductors PSMN016-100XS Datasheet HTML 4Page - NXP Semiconductors PSMN016-100XS Datasheet HTML 5Page - NXP Semiconductors PSMN016-100XS Datasheet HTML 6Page - NXP Semiconductors PSMN016-100XS Datasheet HTML 7Page - NXP Semiconductors PSMN016-100XS Datasheet HTML 8Page - NXP Semiconductors PSMN016-100XS Datasheet HTML 9Page - NXP Semiconductors PSMN016-100XS Datasheet HTML 10Page - NXP Semiconductors PSMN016-100XS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PSMN016-100XS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 6 March 2012
7 of 14
NXP Semiconductors
PSMN016-100XS
N-channel 100V 16 m
Ω standard level MOSFET in TO220F (SOT186A)
Source-drain diode
VSD
source-drain voltage
IS =10A; VGS =0V; Tj =25 °C
-
0.8
1.2
V
trr
reverse recovery time
IS =10A; dIS/dt = -100 A/µs;
VGS =0V; VDS =50 V
-54
-ns
Qr
recovered charge
-
126
-
nC
Table 7.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 6.
Output characteristics; drain current as a
function of drain-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 8.
Forward transconductance as a function of
drain current; typical values
Fig 9.
Transfer characteristics; drain current as a
function of gate-source voltage; typical values
003aag619
0
20
40
60
80
100
01
23
4
V
DS(V)
I
D
(A)
V
GS(V) = 10
4.6
4.8
5.0
6.0
4.4
003aag620
0
10
20
30
40
4
8
12
16
20
V
GS(V)
R
DSon
(m
Ω)
003aag621
0
20
40
60
80
100
020
40
60
80
I
D (A)
g
fs
(S)
003aag622
0
20
40
60
80
0246
V
GS(V)
I
D
(A)
T
j = 25 °C
Tj = 175 °C


Similar Part No. - PSMN016-100XS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN016-100XS NEXPERIA-PSMN016-100XS Datasheet
349Kb / 15P
   N-channel 100V 16 mΩ standard level MOSFET in TO220F (SOT186A)
Rev. 4 - 6 March 2012
More results

Similar Description - PSMN016-100XS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R0-100XS NEXPERIA-PSMN7R0-100XS Datasheet
362Kb / 16P
   N-channel 100V 6.8 m廓 standard level MOSFET in TO220F(SOT186A)
logo
NXP Semiconductors
PSMN013-100XS PHILIPS-PSMN013-100XS Datasheet
243Kb / 15P
   N-channel 100V 13 m廓 standard level MOSFET in TO220F (SOT186A)
Rev. 2-6 March 2012
logo
Nexperia B.V. All right...
PSMN9R5-100XS NEXPERIA-PSMN9R5-100XS Datasheet
363Kb / 16P
   N-channel 100V 9.6 m廓 standard level MOSFET in TO220F(SOT186A)
PSMN8R5-100XS NEXPERIA-PSMN8R5-100XS Datasheet
351Kb / 15P
   N-channel 100V 8.5 m廓 standard level MOSFET in TO220F(SOT186A)
PSMN5R0-100XS NEXPERIA-PSMN5R0-100XS Datasheet
362Kb / 16P
   N-channel 100V 5 m廓 standard level MOSFET in TO220F (SOT186A)
PSMN027-100XS NEXPERIA-PSMN027-100XS Datasheet
362Kb / 16P
   N-channel 100V 26.8 m廓 standard level MOSFET in TO220F(SOT186A)
PSMN4R6-100XS NEXPERIA-PSMN4R6-100XS Datasheet
362Kb / 16P
   N-channel 100V 4.6 m廓 standard level MOSFET in TO220F(SOT186A)
PSMN5R6-100XS NEXPERIA-PSMN5R6-100XS Datasheet
364Kb / 16P
   N-channel 100V 5.6 m廓 standard level MOSFET in TO220F(SOT186A)
PSMN016-100XS NEXPERIA-PSMN016-100XS Datasheet
349Kb / 15P
   N-channel 100V 16 mΩ standard level MOSFET in TO220F (SOT186A)
Rev. 4 - 6 March 2012
PSMN7R6-60XS NEXPERIA-PSMN7R6-60XS Datasheet
379Kb / 15P
   N-channel 60 V 7.8 m廓 standard level MOSFET in TO220F(SOT186A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com