Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62L204916AGL-70SLT Datasheet(PDF) 9 Page - Lyontek Inc.

Part # LY62L204916AGL-70SLT
Description  2048K X 16 BIT LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L204916AGL-70SLT Datasheet(HTML) 9 Page - Lyontek Inc.

Back Button LY62L204916AGL-70SLT Datasheet HTML 4Page - Lyontek Inc. LY62L204916AGL-70SLT Datasheet HTML 5Page - Lyontek Inc. LY62L204916AGL-70SLT Datasheet HTML 6Page - Lyontek Inc. LY62L204916AGL-70SLT Datasheet HTML 7Page - Lyontek Inc. LY62L204916AGL-70SLT Datasheet HTML 8Page - Lyontek Inc. LY62L204916AGL-70SLT Datasheet HTML 9Page - Lyontek Inc. LY62L204916AGL-70SLT Datasheet HTML 10Page - Lyontek Inc. LY62L204916AGL-70SLT Datasheet HTML 11Page - Lyontek Inc. LY62L204916AGL-70SLT Datasheet HTML 12Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LY62L204916A
Rev.1.2
2048K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
8
®
DATA RETENTION CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN. TYP. MAX. UNIT
VCC for Data Retention
VDR
CE#≧VCC - 0.2V or CE2≦0.2V
1.2
-
3.6
V
Data Retention Current
IDR
VCC = 1.2V
CE#
V
CC-0.2V or CE2≦0.2V
other pins at 0.2V or VCC-0.2V
-SL
-SLI
25
-
6
16
µA
40
-
6
16
µA
-SL
-
6
60
µA
-SLI
-
6
80
µA
Chip Disable to Data
Retention Time
tCDR
See Data Retention
Waveforms (below)
0
-
-
ns
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
DATA RETENTION WAVEFORM
Low Vcc Data Retention Waveform (1) (CE# controlled)
Vcc
CE#
VDR ≧ 1.2V
CE#
V
cc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)
Low Vcc Data Retention Waveform (2) (CE2 controlled)
Vcc
CE2
VDR ≧ 1.2V
CE2 ≦ 0.2V
Vcc(min.)
VIL
tR
tCDR
VIL
Vcc(min.)
Low Vcc Data Retention Waveform (3) (LB#, UB# controlled)
Vcc
LB#,UB#
VDR ≧ 1.2V
LB#,UB#
V
≧ cc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)


Similar Part No. - LY62L204916AGL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L204916AGL-70SLT LYONTEK-LY62L204916AGL-70SLT Datasheet
369Kb / 12P
   2048K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L204916AGL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L204916A LYONTEK-LY62L204916A_16 Datasheet
369Kb / 12P
   2048K X 16 BIT LOW POWER CMOS SRAM
LY62L204916B LYONTEK-LY62L204916B_17 Datasheet
743Kb / 12P
   2048K X 16 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488_11 Datasheet
156Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488_1008 LYONTEK-LY62L20488_1008 Datasheet
197Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488_16 Datasheet
229Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_16 Datasheet
230Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488_16 Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488 Datasheet
158Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_13 Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488 Datasheet
159Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com