Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY229X600 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # BY229X600
Description  8.0 Ampere Insulated Glass Passivated Ultra Fast Recovery Rectiflers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

BY229X600 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  BY229X600 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. BY229X600 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unit : inch (mm)
®
BY229X200 thru BY229X800
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
BY229X200 thru BY229X800
Pb
8.0 Ampere Insulated Glass Passivated Ultra Fast Recovery Rectifiers
ITO-220AC
.196(5.00)
.118(3.00)
.038(0.96)
.419(10.66)
.167(3.73)
.122(3.10)
.163(4.16)
.079(2.00)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic Isolated/Insulated ITO-220AC
High surge current capability
Weight: 2.03 grams approximately
Polarity: As marked on diodes body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Switching mode power supply
Inverter/converter
TV receiver,monitor/set top box
Note: (1) Pulse test: 300 µs pulse width, 1 % duty cycle
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
Maximum instantaneous forward
voltage (1)
F
Maximum DC reverse current at
rated DC blocking voltage
TJ = 25 °C
TJ = 125 °C
IR
10
250
µA
Maximum reverse recovery time
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/µs, Irr = 10 % IRM
trr
Maximum recovered stored charge
IF = 2.0 A, VR = 30 V,
dI/dt = 20 A/µs
Qrr
700
nC
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
Typical thermal resistance from junction to case
RθJC
2.0
4.8
2.0
°C/W
Typical thermal resistance from junction to air
RθJA
20
-
20
°C/W
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRMS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forward rectified current at TC = 100 °C
IF(AV)
8.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Maximum slope of reverse recovery current
IF = 2.0 A, VR = 30 V, dI/dt = 20 µs
dI/dt
60
A/
μs
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C
Isolation voltage (ITO-220AC only)
from terminal to heatsink t = 1 min
VAC
1500
V
BY229X-200 BY229X-400 BY229X-600 BY229X-800
UNIT
PARAMETER
SYMBOL
BY229X200
BY229X400
BY229X600
BY229X800
PARAMETER
TEST CONDITIONS
SYMBOL
BY229X-200 BY229X-400 BY229X-600 BY229X-800 UNIT
BY229X200 BY229X400 BY229X600 BY229X800
PARAMETER
SYMBOL
BY229X
BY229B
UNIT
BY229 series
series
series
BY229 series with TO-220AC(Heatsink) pkg
BY229X series with ITO-220AC(Insulated) pkg
BY229B series with TO-263AB(D2PAK) pkg
50
ns
35
1.8
V
1.7
1.3
8.0 A
V
0.98


Similar Part No. - BY229X600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY229X PHILIPS-BY229X Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
General Semiconductor
BY229X GE-BY229X Datasheet
41Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
NXP Semiconductors
BY229X-200 PHILIPS-BY229X-200 Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
General Semiconductor
BY229X-200 GE-BY229X-200 Datasheet
41Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY229X-200 VISHAY-BY229X-200 Datasheet
133Kb / 5P
   Fast Switching Plastic Rectifier
Revision: 06-Nov-07
More results

Similar Description - BY229X600

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MUR1605 TSC-MUR1605 Datasheet
321Kb / 2P
   16.0 Ampere Glass Passivated Junction Ultrafast Recovery Rectiflers
logo
Thinki Semiconductor Co...
8S2TH02I THINKISEMI-8S2TH02I Datasheet
613Kb / 2P
   8.0 Ampere Ceramic Insulated Tandem Ultra Fast Recovery Rectifier
8S2TH02I-8S2TH06I THINKISEMI-8S2TH02I-8S2TH06I Datasheet
613Kb / 2P
   8.0 Ampere Ceramic Insulated Tandem Ultra Fast Recovery Rectifier
8S2TH02FP THINKISEMI-8S2TH02FP Datasheet
623Kb / 2P
   8.0 Ampere Full Pak Insulated Tandem Ultra Fast Recovery Rectifier
FMG22R THINKISEMI-FMG22R Datasheet
620Kb / 2P
   10.0 Ampere Insulated Glass Passivated Super Fast Recovery Rectifiers
MURF820G THINKISEMI-MURF820G Datasheet
770Kb / 2P
   8.0Ampere Insulated Glass Passivated Ultra Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FRA801G TSC-FRA801G_10 Datasheet
47Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA801G TSC-FRA801G_1 Datasheet
260Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA801G TSC-FRA801G Datasheet
54Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Silicon Standard Corp.
FRA801G SSC-FRA801G Datasheet
178Kb / 3P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com