Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY229X800 Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # BY229X800
Description  8.0 Ampere Insulated Glass Passivated Ultra Fast Recovery Rectiflers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

BY229X800 Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  BY229X800 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. BY229X800 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 3. Typical Instantaneous Forward Characteristics
0
4
12
0
75
25
50
100
125
150
8
2
6
10
Case Ambient Temperature (°C)
Resistive or Inductive Load
0
75
100
125
50
25
150
1
100
10
Number of Cycles at 60 Hz
T
L = 75 °C
8.3 ms Single Half Sine-Wave
100
10
1
0.1
0.4
0.6
1.4
1.6
1.8
2.0
0.8
1.0
1.2
Instantaneous Forward Voltage (V)
T
J = 100 °C
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Figure 4. Typical Reverse Leakage Characteristics
Figure 5. Typical Junction Capacitance
0.1
1
10
100
0.01
20
0
100
40
60
80
1000
T
J = 100 °C
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
1
100
100
10
10
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
®
BY229X200 thru BY229X800
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2


Similar Part No. - BY229X800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY229X PHILIPS-BY229X Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
General Semiconductor
BY229X GE-BY229X Datasheet
41Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
NXP Semiconductors
BY229X-200 PHILIPS-BY229X-200 Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
General Semiconductor
BY229X-200 GE-BY229X-200 Datasheet
41Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY229X-200 VISHAY-BY229X-200 Datasheet
133Kb / 5P
   Fast Switching Plastic Rectifier
Revision: 06-Nov-07
More results

Similar Description - BY229X800

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MUR1605 TSC-MUR1605 Datasheet
321Kb / 2P
   16.0 Ampere Glass Passivated Junction Ultrafast Recovery Rectiflers
logo
Thinki Semiconductor Co...
8S2TH02I THINKISEMI-8S2TH02I Datasheet
613Kb / 2P
   8.0 Ampere Ceramic Insulated Tandem Ultra Fast Recovery Rectifier
8S2TH02I-8S2TH06I THINKISEMI-8S2TH02I-8S2TH06I Datasheet
613Kb / 2P
   8.0 Ampere Ceramic Insulated Tandem Ultra Fast Recovery Rectifier
8S2TH02FP THINKISEMI-8S2TH02FP Datasheet
623Kb / 2P
   8.0 Ampere Full Pak Insulated Tandem Ultra Fast Recovery Rectifier
FMG22R THINKISEMI-FMG22R Datasheet
620Kb / 2P
   10.0 Ampere Insulated Glass Passivated Super Fast Recovery Rectifiers
MURF820G THINKISEMI-MURF820G Datasheet
770Kb / 2P
   8.0Ampere Insulated Glass Passivated Ultra Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FRA801G TSC-FRA801G_10 Datasheet
47Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA801G TSC-FRA801G_1 Datasheet
260Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA801G TSC-FRA801G Datasheet
54Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Silicon Standard Corp.
FRA801G SSC-FRA801G Datasheet
178Kb / 3P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com