Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY61L5128GL-12LLT Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY61L5128GL-12LLT
Description  512K X 8 BIT HIGH SPEED CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L5128GL-12LLT Datasheet(HTML) 1 Page - Lyontek Inc.

  LY61L5128GL-12LLT Datasheet HTML 1Page - Lyontek Inc. LY61L5128GL-12LLT Datasheet HTML 2Page - Lyontek Inc. LY61L5128GL-12LLT Datasheet HTML 3Page - Lyontek Inc. LY61L5128GL-12LLT Datasheet HTML 4Page - Lyontek Inc. LY61L5128GL-12LLT Datasheet HTML 5Page - Lyontek Inc. LY61L5128GL-12LLT Datasheet HTML 6Page - Lyontek Inc. LY61L5128GL-12LLT Datasheet HTML 7Page - Lyontek Inc. LY61L5128GL-12LLT Datasheet HTML 8Page - Lyontek Inc. LY61L5128GL-12LLT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LY61L5128
Rev. 2.4
512K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Sep.5.2006
Rev. 1.1
Revised Package Outline Dimension(TSOP-II)
Apr.12.2007
Rev. 2.0
Revised ICC and ISB1
Revised Test Condition of ISB1/IDR
Added E and I grade
Revised ABSOLUTE MAXIMUN RATINGS
Jun.23.2007
Rev. 2.1
Adding PKG type : 36-ball 6mm x 8mm TFBGA
Revised Test Condition of ICC
Mar.31.2008
Rev. 2.2
Revised FEATURES & ORDERING INFORMATION Lead
free and green package available
to Green package available
Deleted TSOLDER in ABSOLUTE MAXIMUN RATINGS
Added packing type in ORDERING INFORMATION
Apr.17.2009
Rev. 2.3
Rev. 2.4
Revised PACKAGE OUTLINE DIMENSION in page 9/10/12
Revised ORDERING INFORMATION in page 13
May.7.2010
Aug.25.2010


Similar Part No. - LY61L5128GL-12LLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L5128GL LYONTEK-LY61L5128GL Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L5128GL-12LLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L5128 LYONTEK-LY61L5128_17 Datasheet
637Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128 Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128_1008 LYONTEK-LY615128_1008 Datasheet
160Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128 LYONTEK-LY615128 Datasheet
154Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128 LYONTEK-LY615128_17 Datasheet
679Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Lyontek Inc.
LY61L51332A LYONTEK-LY61L51332A_17 Datasheet
781Kb / 13P
   512K X 32 BIT HIGH SPEED CMOS SRAM
LY61L51216A LYONTEK-LY61L51216A_13 Datasheet
300Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com