Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8128D Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK8128D
Description  HD Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8128D Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK8128D Datasheet HTML 1Page - Asahi Kasei Microsystems AK8128D Datasheet HTML 2Page - Asahi Kasei Microsystems AK8128D Datasheet HTML 3Page - Asahi Kasei Microsystems AK8128D Datasheet HTML 4Page - Asahi Kasei Microsystems AK8128D Datasheet HTML 5Page - Asahi Kasei Microsystems AK8128D Datasheet HTML 6Page - Asahi Kasei Microsystems AK8128D Datasheet HTML 7Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
[AK8128D]
MS1175-J-00
2010/3
- 2 -
1.端子説明
1-1)端子配置図
1-2)端子機能説明
端子番号
端子名
(端子タイプ)
説明
1
VDD
PWR)
電源端子
2
VSS
PWR)
グランド端子
3
CLKIN
DI)
外部クロック入力
27.0MHzまたは48.0MHzを入力します。
4
VSS
PWR)
グランド端子
5
VDD
PWR)
電源端子
6
N.C
開放にするか、
VSSに接続してください。
7
CLKISEL
DI)
入力クロック周波数を選択します。
L:27.000MHz
H:48.000MHz
400k
Wでプルダウン)
8
F0
DI)
9
F1
DI)
CKOUT端子から出力する周波数を選択します。
2-1を参照して下さい。
(各端子共、
400k
Wでプルダウン)
10
CKOUT
DO)
クロック出力端子
PWR:電源端子
DO: デジタル出力
DI:
デジタル入力
NC: No Connection
1:VDD
2:VSS
3:CLKIN
4:VSS
5:VDD
10:CKOUT
9:F1
8:F0
7:CLKISEL
6:N.C.


Similar Part No. - AK8128D

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8128A AKM-AK8128A Datasheet
223Kb / 7P
   HD Clock Generator
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128S AKM-AK8128S Datasheet
395Kb / 10P
   Multi Clock Generator
More results

Similar Description - AK8128D

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8128A AKM-AK8128A Datasheet
223Kb / 7P
   HD Clock Generator
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Semtech Corporation
GS4911B SEMTECH-GS4911B Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4911B GENNUM-GS4911B Datasheet
1Mb / 113P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
GS4911B GENNUM-GS4911B_09 Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com