Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8125AV Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK8125AV
Description  EMI Countermeasure Spectrum Scan Diffusion IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8125AV Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

  AK8125AV Datasheet HTML 1Page - Asahi Kasei Microsystems AK8125AV Datasheet HTML 2Page - Asahi Kasei Microsystems AK8125AV Datasheet HTML 3Page - Asahi Kasei Microsystems AK8125AV Datasheet HTML 4Page - Asahi Kasei Microsystems AK8125AV Datasheet HTML 5Page - Asahi Kasei Microsystems AK8125AV Datasheet HTML 6Page - Asahi Kasei Microsystems AK8125AV Datasheet HTML 7Page - Asahi Kasei Microsystems AK8125AV Datasheet HTML 8Page - Asahi Kasei Microsystems AK8125AV Datasheet HTML 9Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AK8125AV
MS1257-J-01
2011/03
- 7 -
3-6)周波数特性
VDD=3.0~3.6V,Ta=-40~85℃
項目
端子
MIN
TYP
MAX
単位
備考
6.10
8.32
F_SEL[1:0]=LL
7.80
10.40
F_SEL[1:0]=LM
9.36
12.48
F_SEL[1:0]=LH
12.48
16.64
F_SEL[1:0]=ML
15.60
20.80
F_SEL[1:0]=MM
18.72
24.96
F_SEL[1:0]=MH
24.96
33.28
F_SEL[1:0]=HL
31.20
41.60
F_SEL[1:0]=HM
入力周波数範囲
XIN
37.44
49.92
MHz
F_SEL[1:0]=HH
変調周波数
CKOUT
kHz
(*1)
-
1
-
OUTMPX=L
-
2
-
OUTMPX=M
出力逓倍
CKOUT
-
4
-
OUTMPX=H,
(*2)
-
-0.25
-
SS_SEL[1:0]=LL
-
-0.5
-
SS_SEL[1:0]=LM
-
-1.5
-
SS_SEL[1:0]=LH
-
-3.0
-
SS_SEL[1:0]=ML
-
OFF
-
SS_SEL[1:0]=MM
-
±0.125
-
SS_SEL[1:0]=MH
-
±0.25
-
SS_SEL[1:0]=HL
-
±0.75
-
SS_SEL[1:0]=HM
周波数変調度
CKOUT
-
±1.5
-
%
SS_SEL[1:0]=HH
-0.18
SS_SEL[1:0]=LL, F_SEL0=L
-0.36
SS_SEL[1:0]=LM, F_SEL0=L
-0.90
SS_SEL[1:0]=LH, F_SEL0=L
-1.68
SS_SEL[1:0]=ML, F_SEL0=L
-0.19
SS_SEL[1:0]=LL, F_SEL0=M
-0.38
SS_SEL[1:0]=LM, F_SEL0=M
-0.91
SS_SEL[1:0]=LH, F_SEL0=M
-1.68
SS_SEL[1:0]=ML, F_SEL0=M
-0.20
SS_SEL[1:0]=LL, F_SEL0=H
-0.36
SS_SEL[1:0]=LM, F_SEL0=H
-0.92
SS_SEL[1:0]=LH, F_SEL0=H
ダウンスプレッド時
平 均 周 波 数 ず
れ(*3)
CKOUT
-1.68
%
SS_SEL[1:0]=ML, F_SEL0=H
(*1)変調周波数は入力周波数に依存します。
変調周波数
= 40.0kHz X 入力周波数(発振周波数)/ Max入力周波数MHz
例)
10.0MHz入力時: 40kHz x 10.0MHz / 10.4MHz = 38.46kHz
(*2)4 倍設定は、出力周波数が 99.84MHz 以下となる設定でご使用ください。
(*3)ダウンスプレッド時平均周波数は、|変調度|/2(%)より低くなります。


Similar Part No. - AK8125AV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8125AE AKM-AK8125AE Datasheet
363Kb / 10P
   EMI Countermeasure Spectrum Scan Diffusion IC
More results

Similar Description - AK8125AV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8125AE AKM-AK8125AE Datasheet
363Kb / 10P
   EMI Countermeasure Spectrum Scan Diffusion IC
AK8126B AKM-AK8126B Datasheet
213Kb / 8P
   EMI Countermeasure for Spread Spectrum IC
AK8126A AKM-AK8126A Datasheet
214Kb / 8P
   EMI countermeasure for spread spectrum IC
logo
PhaseLink Corporation
PLL701-50 PLL-PLL701-50 Datasheet
206Kb / 6P
   Low EMI Spread Spectrum Multiplier IC
logo
Abracon Corporation
ABE0110 ABRACON-ABE0110 Datasheet
251Kb / 7P
   Low EMI Spread Spectrum Multiplier IC
logo
Sanyo Semicon Device
LC75700T SANYO-LC75700T Datasheet
133Kb / 16P
   Key Scan IC
logo
Toshiba Semiconductor
TC9290P TOSHIBA-TC9290P Datasheet
375Kb / 10P
   KEY SCAN IC
logo
TDK Electronics
MPZ1608 TDK-MPZ1608 Datasheet
47Kb / 2P
   EMI countermeasure product for power line
logo
ON Semiconductor
NB3N6200C ONSEMI-NB3N6200C Datasheet
69Kb / 5P
   Spread Spectrum EMI Reduction IC for HD Display
January, 2015 ??Rev. 1
PCS3P6200A ONSEMI-PCS3P6200A Datasheet
134Kb / 6P
   Spread Spectrum EMI Reduction IC for HD Display
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com