Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62L25716ML-70SLI Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY62L25716ML-70SLI
Description  256K X 16 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L25716ML-70SLI Datasheet(HTML) 4 Page - Lyontek Inc.

  LY62L25716ML-70SLI Datasheet HTML 1Page - Lyontek Inc. LY62L25716ML-70SLI Datasheet HTML 2Page - Lyontek Inc. LY62L25716ML-70SLI Datasheet HTML 3Page - Lyontek Inc. LY62L25716ML-70SLI Datasheet HTML 4Page - Lyontek Inc. LY62L25716ML-70SLI Datasheet HTML 5Page - Lyontek Inc. LY62L25716ML-70SLI Datasheet HTML 6Page - Lyontek Inc. LY62L25716ML-70SLI Datasheet HTML 7Page - Lyontek Inc. LY62L25716ML-70SLI Datasheet HTML 8Page - Lyontek Inc. LY62L25716ML-70SLI Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LY62L25716
Rev. 2.6
256K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
3
®
PIN CONFIGURATION
TSOP-I
A15
A14
A13
A12
A8
LY62L25716
8
7
6
5
4
3
2
1
A11
A10
A9
NC
NC
WE#
CE2
NC
UB#
LB#
NC
A17
A7
A6
A5
A4
A3
A2
A1
14
13
12
11
10
9
16
15
22
21
20
19
18
17
24
23
DQ13
NC
DQ15
DQ7
DQ14
DQ6
44
41
42
43
A16
Vss
48
47
45
46
33
36
35
34
38
39
40
37
25
28
27
26
30
31
32
29
DQ12
DQ5
DQ4
Vcc
DQ11
DQ3
DQ10
DQ2
DQ1
DQ9
DQ8
DQ0
OE#
Vss
CE#
A0
A1
A2
A3
A4
DQ15
DQ0
DQ1
DQ2
Vcc
Vss
A12
A17
DQ14
DQ12
DQ13
DQ11
Vss
Vcc
DQ10
DQ9
DQ3
DQ4
TSOP II
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A16
A0
DQ6
DQ7
A5
A6
A7
A8
A9
DQ5
DQ8
A15
A14
A13
A10
CE2
34
29
30
31
32
33
44
39
40
41
42
43
35
36
37
38
A11
CE#
WE#
LB#
UB#
OE#
TFBGA
NC
A3
A10
A9
A11
A0
A14
A8
NC
WE#
DQ9
DQ14
DQ15
NC
Vss
CE2
A13
DQ8
Vcc
Vcc
DQ7
A15
Vss
CE#
LB#
DQ6
DQ2
DQ0
A2
OE#
A1
A6
A5
A4
UB#
1234
56
H
G
C
D
E
F
A
B
A12
NC
A17
A7
A16
DQ10
DQ11
DQ12
DQ13
DQ5
DQ4
DQ3
DQ1


Similar Part No. - LY62L25716ML-70SLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L25716ML-70SLI LYONTEK-LY62L25716ML-70SLI Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716ML-70SLIT LYONTEK-LY62L25716ML-70SLIT Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L25716ML-70SLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716 Datasheet
196Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616 Datasheet
180Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L25616 ETC1-UT62L25616 Datasheet
193Kb / 12P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com