Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7601AVQ Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK7601AVQ
Description  High Feature Digital Audio Processor with SRC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7601AVQ Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK7601AVQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK7601AVQ Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
[AK7601A]
MS1446-J-00
2012/07
- 8 -
ADC to DAC Characteristics (single outputs)
Resolution
24
Bits
-1dBFS
80
87
dB
S/(N+D)
BW=20kHz
-60dBFS
34
DR
(-60dBFS with A-weighted)
87
96
dB
S/N
(A-weighted)
87
96
dB
Note 8. VREFHを+5.0Vに固定して、AVDD, DVDDに1kHz, 50mVppの正弦波を重畳した場合。
Note 9. 外付けCAPが10uF±30%、GNDIN 1/2の振幅が100mVppの場合の20Hz-20KHzでの値。
SRC特性
(Ta=25
°C; AVDD=5.0V, DVDD =5.0V; VSS1=VSS2=VSS3=VSS4=0V; VREFH=AVDD, fs=44.1kHz; Signal
Frequency=1kHz; 24bit Data; Measurement Frequency=20Hz
∼20kHz; unless otherwise specified)
Parameter
Symbol
min
typ
max
Unit
SRC Characteristics:
Resolution
24
Bits
Input Sample Rate
FSI
8
96
kHz
Output Sample Rate
FSO
44.1
kHz
THD+N (Input = 1kHz, 0dBFS, Note 10) FSI =48kHz
-130
-100
dB
Dynamic Range (Input = 1kHz,
−60dBFS, Note 10)
FSI = 48kHz
Dynamic Range (Input = 1kHz, -60dBFS, A-weighted, Note 10)
FSI = 48kHz
136
140
120
dB
dB
Ratio between Input and Output Sample Rate
FSO/FSI
44.1/96
44.1/8
-
Note 10. Audio Precision System Two Cascade使用。
Parameter
min
typ
max
Unit
Power Supplies
Power Supply Current
Normal Operation (PDN pin = “H”)
AVDD
DVDD
Power-down mode (PDN pin = “L”)
AVDD+DVDD
(Note 12)
54
11
10
73
15
100
mA
mA
µA
Note 11. 消費電流値はADC, DAC, SRC 全て動作した状態での値です。
Note 12. 静止時。クロックを含む全てのディジタル入力ピンをVSS2に固定した場合の値です。


Similar Part No. - AK7601AVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7601A AKM-AK7601A Datasheet
1Mb / 63P
   High Feature Digital Audio Processor with SRC
More results

Similar Description - AK7601AVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7601A AKM-AK7601A Datasheet
1Mb / 63P
   High Feature Digital Audio Processor with SRC
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   DIgital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
[Old version datasheet]   Digital Audio Processor With 3D Effects
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
STMicroelectronics
STA309B STMICROELECTRONICS-STA309B Datasheet
722Kb / 66P
   Multichannel digital audio processor with FFX짰
logo
Texas Instruments
TAS3103A TI-TAS3103A Datasheet
1Mb / 152P
[Old version datasheet]   Digital Audio Processor With 3D Effects
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com