Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6440BL Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK6440BL
Description  4096bit Serial CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6440BL Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK6440BL Datasheet HTML 1Page - Asahi Kasei Microsystems AK6440BL Datasheet HTML 2Page - Asahi Kasei Microsystems AK6440BL Datasheet HTML 3Page - Asahi Kasei Microsystems AK6440BL Datasheet HTML 4Page - Asahi Kasei Microsystems AK6440BL Datasheet HTML 5Page - Asahi Kasei Microsystems AK6440BL Datasheet HTML 6Page - Asahi Kasei Microsystems AK6440BL Datasheet HTML 7Page - Asahi Kasei Microsystems AK6440BL Datasheet HTML 8Page - Asahi Kasei Microsystems AK6440BL Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ASAHI KASEI
[AK6440B]
DAS03E-01
2012/09
- 5 -
Functional Description
The AK6440B has 4 instructions such as READ, WRITE, WREN (write enable) and WRDS
(write disable). Each instruction is organized by op-code block (8bits), address block (8bits)
and data (8bits×2). When input level of SK pin is high level and input level of chip select
(CS) pin is changed from high level to low level, AK6440B can receive the instructions.
When the instructions are executed consecutively, the CS pin should be brought to high
level for a minimum of 250ns(tCS) between consecutive instruction cycle.
Instruction Set
Instruction
Op-Code
Address
Data
WRITE
10100100
A7 A6 A5 A4 A3 A2 A1 A0 D15-D0(IN)
READ
10101000
A7 A6 A5 A4 A3 A2 A1 A0 D15-D0(OUT)
WREN
10100011
X X X X X X X X
WRDS
10100000
X X X X X X X X
(WRAL)
10101111
X X X X X X X X D15-D0(IN)
X: don’t care
(Note) The WRAL instruction is used for factory function test only.
User can't use this
instruction.
Write
The write instruction is followed by 16 bits of data to be written into the specified address.
After the 32nd rising edge of SK to read D0 in, the AK6440B will be put into the automatic
write time-out period. During the automatic write time-out period (Busy status) and while
entering write instruction, the RESET pin should be low level. If the RESET pin is set to
high level during the automatic write time-out period, the AK6440B stops execution of
internal programming and the device returns to ready status. In this case the word data of
the specified address will be incomplete. When inputting the new instruction after RESET,
the CS pin should be set to high level. When the RESET pin is kept at high level, the write is
not executed. This becomes write protection function.
The CS pin need not be high level during automatic write time-out period (BUSY status).
WRITE
SK
CS
1
1
RESET
Hi-Z
DI
DO
2
3
4
5
6
0
1
0
0
1
7
8
9
10
0
0
A7
A6
15
16
17
18
A1
A0 D15 D14
30
31
32
D2
D1
D0
tE/W


Similar Part No. - AK6440BL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6440B AKM-AK6440B Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6440BH AKM-AK6440BH Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK6440BL

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-29UXX0A SII-S-29UXX0A Datasheet
857Kb / 15P
   CMOS SERIAL EEPROM
S-29453A SII-S-29453A Datasheet
757Kb / 13P
   CMOS SERIAL EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24AA128 ARTSCHIP-24AA128 Datasheet
1Mb / 10P
   CMOS Serial EEPROM
logo
Seiko Instruments Inc
S-29UX94A SII-S-29UX94A Datasheet
875Kb / 15P
   CMOS SERIAL EEPROM
S-29X91A SII-S-29X91A Datasheet
975Kb / 17P
   CMOS SERIAL EEPROM
S-29XX0A SII-S-29XX0A Datasheet
1Mb / 20P
   CMOS SERIAL EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128 Datasheet
147Kb / 11P
   CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAV24M01 ONSEMI-CAV24M01 Datasheet
159Kb / 11P
   CMOS Serial EEPROM
June, 2013 ??Rev. 1
logo
Seiko Instruments Inc
S-29XX1A SII-S-29XX1A Datasheet
1Mb / 20P
   CMOS SERIAL EEPROM
S-29LXX0A SII-S-29LXX0A Datasheet
895Kb / 16P
   CMOS SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com