Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6440B Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK6440B
Description  4096bit Serial CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6440B Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK6440B Datasheet HTML 1Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 2Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 3Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 4Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 5Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 6Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 7Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 8Page - Asahi Kasei Microsystems AK6440B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ASAHI KASEI
[AK6440B]
DAS03E-01
2012/09
- 3 -
Pin Arrangement
Pin Name
Function
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
RESET
RESET Input
VCC
Power Supply
GND
Ground
NC
Not Connected
*1
*1: Please Open NC pin.
AK6440BH
8pin MSOP
NC
SK
CS
DI
DO
1
2
3
4
8
7
6
5
GND
RESET
VCC
NC
SK
CS
DI
DO
GND
RESET
VCC
1
8
2
3
4
7
6
5
AK6440BL
8pin SON


Similar Part No. - AK6440B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6440B AKM-AK6440B Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6440BH AKM-AK6440BH Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK6440B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-29UXX0A SII-S-29UXX0A Datasheet
857Kb / 15P
   CMOS SERIAL EEPROM
S-29453A SII-S-29453A Datasheet
757Kb / 13P
   CMOS SERIAL EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24AA128 ARTSCHIP-24AA128 Datasheet
1Mb / 10P
   CMOS Serial EEPROM
logo
Seiko Instruments Inc
S-29UX94A SII-S-29UX94A Datasheet
875Kb / 15P
   CMOS SERIAL EEPROM
S-29X91A SII-S-29X91A Datasheet
975Kb / 17P
   CMOS SERIAL EEPROM
S-29XX0A SII-S-29XX0A Datasheet
1Mb / 20P
   CMOS SERIAL EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128 Datasheet
147Kb / 11P
   CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAV24M01 ONSEMI-CAV24M01 Datasheet
159Kb / 11P
   CMOS Serial EEPROM
June, 2013 ??Rev. 1
logo
Seiko Instruments Inc
S-29XX1A SII-S-29XX1A Datasheet
1Mb / 20P
   CMOS SERIAL EEPROM
S-29LXX0A SII-S-29LXX0A Datasheet
895Kb / 16P
   CMOS SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com