Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY61L5128LL-15LLIT Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY61L5128LL-15LLIT
Description  512K X 8 BIT HIGH SPEED CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L5128LL-15LLIT Datasheet(HTML) 2 Page - Lyontek Inc.

  LY61L5128LL-15LLIT Datasheet HTML 1Page - Lyontek Inc. LY61L5128LL-15LLIT Datasheet HTML 2Page - Lyontek Inc. LY61L5128LL-15LLIT Datasheet HTML 3Page - Lyontek Inc. LY61L5128LL-15LLIT Datasheet HTML 4Page - Lyontek Inc. LY61L5128LL-15LLIT Datasheet HTML 5Page - Lyontek Inc. LY61L5128LL-15LLIT Datasheet HTML 6Page - Lyontek Inc. LY61L5128LL-15LLIT Datasheet HTML 7Page - Lyontek Inc. LY61L5128LL-15LLIT Datasheet HTML 8Page - Lyontek Inc. LY61L5128LL-15LLIT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LY61L5128
Rev. 2.4
512K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 10/12/15/20/25ns
Very low power consumption:
Operating current(Normal version):
180/160/140/80/70mA(MAX.)
Standby current:
12mA(MAX. for 10/12/15ns)
5mA(MAX. for 20/25ns)
100µA( (MAX. for 20/25ns LL version)
Single 3.3V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 2.0V (MIN.)
Green package available
Package : 32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
44-pin 400 mil TSOP-II
36-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY61L5128 is a 4,194,304-bit low power CMOS
static random access memory organized as 524,288
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY61L5128 is well designed for very low power
system applications, and particularly well suited for
battery back-up nonvolatile memory application.
The LY61L5128 operates from a single power
supply of 3.3V and all inputs and outputs are fully
TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,MAX.)
Operating(Icc,MAX.)
LY61L5128
0 ~ 70℃
3.15/3.0 ~ 3.6V
10/12/15ns
12mA
180/160/140mA
LY61L5128(E)
-20 ~ 80℃
3.15/3.0 ~ 3.6V
10/12/15ns
12mA
180/160/140mA
LY61L5128(I)
-40 ~ 85℃
3.15/3.0 ~ 3.6V
10/12/15ns
12mA
180/160/140mA
LY61L5128
0 ~ 70℃
3.0 ~ 3.6V
20/25ns
5mA
80/70mA
LY61L5128(E)
-20 ~ 80℃
3.0 ~ 3.6V
20/25ns
5mA
80/70mA
LY61L5128(I)
-40 ~ 85℃
3.0 ~ 3.6V
20/25ns
5mA
80/70mA
LY61L5128(LL)
0 ~ 70℃
3.0 ~ 3.6V
20/25ns
100µA
80/70mA
LY61L5128(LLE) -20 ~ 80℃
3.0 ~ 3.6V
20/25ns
100µA
80/70mA
LY61L5128(LLI)
-40 ~ 85℃
3.0 ~ 3.6V
20/25ns
100µA
80/70mA


Similar Part No. - LY61L5128LL-15LLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L5128LL LYONTEK-LY61L5128LL Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128LLE LYONTEK-LY61L5128LLE Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128LLI LYONTEK-LY61L5128LLI Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L5128LL-15LLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L5128 LYONTEK-LY61L5128_17 Datasheet
637Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128 Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128_1008 LYONTEK-LY615128_1008 Datasheet
160Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128 LYONTEK-LY615128 Datasheet
154Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128 LYONTEK-LY615128_17 Datasheet
679Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Lyontek Inc.
LY61L51332A LYONTEK-LY61L51332A_17 Datasheet
781Kb / 13P
   512K X 32 BIT HIGH SPEED CMOS SRAM
LY61L51216A LYONTEK-LY61L51216A_13 Datasheet
300Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com