Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62L25716GL-70SLT Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY62L25716GL-70SLT
Description  256K X 16 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L25716GL-70SLT Datasheet(HTML) 5 Page - Lyontek Inc.

  LY62L25716GL-70SLT Datasheet HTML 1Page - Lyontek Inc. LY62L25716GL-70SLT Datasheet HTML 2Page - Lyontek Inc. LY62L25716GL-70SLT Datasheet HTML 3Page - Lyontek Inc. LY62L25716GL-70SLT Datasheet HTML 4Page - Lyontek Inc. LY62L25716GL-70SLT Datasheet HTML 5Page - Lyontek Inc. LY62L25716GL-70SLT Datasheet HTML 6Page - Lyontek Inc. LY62L25716GL-70SLT Datasheet HTML 7Page - Lyontek Inc. LY62L25716GL-70SLT Datasheet HTML 8Page - Lyontek Inc. LY62L25716GL-70SLT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LY62L25716
Rev. 2.6
256K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 4.6
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
0 to 70(C grade)
-20 to 80(E grade)
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
CE#
CE2
OE#
WE#
LB#
UB#
I/O OPERATION
SUPPLY CURRENT
DQ0-DQ7 DQ8-DQ15
Standby
H
X
X
X
L
X
X
X
X
X
X
X
X
X
H
X
X
H
High – Z
High – Z
High – Z
High – Z
High – Z
High – Z
ISB,ISB1
Output Disable
L
L
H
H
H
H
H
H
L
X
X
L
High – Z
High – Z
High – Z
High – Z
ICC,ICC1
Read
L
L
L
H
H
H
L
L
L
H
H
H
L
H
L
H
L
L
DOUT
High – Z
DOUT
High – Z
DOUT
DOUT
ICC,ICC1
Write
L
L
L
H
H
H
X
X
X
L
L
L
L
H
L
H
L
L
DIN
High – Z
DIN
High – Z
DIN
DIN
ICC,ICC1
Note:
H = VIH, L = VIL, X = Don't care.


Similar Part No. - LY62L25716GL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L25716GL-70SLT LYONTEK-LY62L25716GL-70SLT Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L25716GL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716 Datasheet
196Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616 Datasheet
180Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L25616 ETC1-UT62L25616 Datasheet
193Kb / 12P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com