Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62L1024GL-35LLT Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LY62L1024GL-35LLT
Description  128K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L1024GL-35LLT Datasheet(HTML) 3 Page - Lyontek Inc.

  LY62L1024GL-35LLT Datasheet HTML 1Page - Lyontek Inc. LY62L1024GL-35LLT Datasheet HTML 2Page - Lyontek Inc. LY62L1024GL-35LLT Datasheet HTML 3Page - Lyontek Inc. LY62L1024GL-35LLT Datasheet HTML 4Page - Lyontek Inc. LY62L1024GL-35LLT Datasheet HTML 5Page - Lyontek Inc. LY62L1024GL-35LLT Datasheet HTML 6Page - Lyontek Inc. LY62L1024GL-35LLT Datasheet HTML 7Page - Lyontek Inc. LY62L1024GL-35LLT Datasheet HTML 8Page - Lyontek Inc. LY62L1024GL-35LLT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LY62L1024
Rev. 1.6
128K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
PIN CONFIGURATION
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
Vss
A14
Vcc
A8
A9
A11
A10
DQ7
DQ6
DQ5
DQ4
DQ3
SOP/P-DIP
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A13
CE#
OE#
WE#
A16
NC
29
32
30
31
CE2
A15
TSOP-I/STSOP
DQ3
A11
A9
A8
A13
DQ2
A10
A14
A12
A7
A6
A5
Vcc
DQ7
DQ6
DQ5
DQ4
Vss
DQ1
DQ0
A0
A1
A2
A4
A3
LY62L1024
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
OE#
WE#
CE#
CE2
A15
A16
NC
32
31
29
30
TFBGA
OE#
WE#
A12
A11
A13
CE2
NC
A10
A14
A15
DQ5
DQ6
DQ7
A9
Vss
A8
A16
DQ4
Vcc
Vcc
DQ3
NC
Vss
A7
A0
DQ2
DQ1
DQ0
A6
A1
A3
A5
NC
A4
A2
12
34
56
H
G
C
D
E
F
A
B
CE#


Similar Part No. - LY62L1024GL-35LLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L1024GL-35LLI LYONTEK-LY62L1024GL-35LLI Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024GL-35LLIT LYONTEK-LY62L1024GL-35LLIT Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L1024GL-35LLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024 Datasheet
237Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008 ALSC-AS6C1008 Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com