Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4382A Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4382A
Description  112dB 192kHz 24-Bit 2ch DS DAC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4382A Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4382A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4382A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4382A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4382A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4382A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4382A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4382A Datasheet HTML 9Page - Asahi Kasei Microsystems AK4382A Datasheet HTML 10Page - Asahi Kasei Microsystems AK4382A Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ASAHI KASEI
[AK4382A]
MS0071-J-02
2002/12
- 7 -
n タイミング波形
1/fCLK
tCLKL
VIH
tCLKH
MCLK
VIL
dCLK=tCLKH x fCLK, tCLKL x fCLK
1/fs
VIH
LRCK
VIL
tBCK
tBCKL
VIH
tBCKH
BICK
VIL
Clock Timing
tLRB
LRCK
VIH
BICK
VIL
tSDS
VIH
SDTI
VIL
tSDH
VIH
VIL
tBLR
Serial Interface Timing


Similar Part No. - AK4382A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
More results

Similar Description - AK4382A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
logo
Advanced Linear Devices
ALD555 ALD-ALD555 Datasheet
35Kb / 4P
   112dB 192kHz 24-BIT SCH DAC
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
logo
Asahi Kasei Microsystem...
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
   112dB 192kHz 24-BIT SCH DAC
AK4381 AKM-AK4381 Datasheet
232Kb / 21P
   108DB 192KHZ 24-BIT 2CH DAC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com