Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2970H Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK2970H
Description  Zero Drift Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2970H Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK2970H Datasheet HTML 1Page - Asahi Kasei Microsystems AK2970H Datasheet HTML 2Page - Asahi Kasei Microsystems AK2970H Datasheet HTML 3Page - Asahi Kasei Microsystems AK2970H Datasheet HTML 4Page - Asahi Kasei Microsystems AK2970H Datasheet HTML 5Page - Asahi Kasei Microsystems AK2970H Datasheet HTML 6Page - Asahi Kasei Microsystems AK2970H Datasheet HTML 7Page - Asahi Kasei Microsystems AK2970H Datasheet HTML 8Page - Asahi Kasei Microsystems AK2970H Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
[AK2970]
Rev.1.01Ea
2013/2
- 2 -
4. Pin Configurations and Functions
Pin number Pin Name
I/O : Note 1
Function
1
OUTA
AO
Amplifier A Output
2
NINA
AI
Amplifier A Inverted Input
3
PINA
AI
Amplifier A No Inverted Input
4
VSS
PWR
Power Supply Ground
5
PINB
AI
Amplifier B No Inverted Input
6
NINB
AI
Amplifier B Inverted Input
7
OUTB
AO
Amplifier B Output
8
VDD
PWR
Positive Power Supply
Note 1.
PWR
: Power Supply
AI
: Analog Input
AO
: Analog Output
5. Absolute Maximum Ratings
( VSS = 0V : Note 2 )
Parameter
Symbol
Min
Max
Units
Supply Voltage
VDD
-0.3
14
V
Input Voltage
VTD
-0.3
VDD + 0.3
V
Input Current
IIN
-10
+10
mA
Storage Temperature Range
Tstg
-55
150
C
Note 2. All voltage with respect to ground
Note 3. Operational at or beyond these limits may result in permanent damage to the device. Normal
operation is not guaranteed at these extremes.
6. Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Operationg Temperature Range
Ta
-40
125
C
Supply Voltage
VDD
4.5
13.2
V


Similar Part No. - AK2970H

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2975 AKM-AK2975 Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
More results

Similar Description - AK2970H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
logo
Linear Technology
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_15 Datasheet
191Kb / 12P
   Dual 15V Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com