Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62L2568RL-45SLT Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY62L2568RL-45SLT
Description  256K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L2568RL-45SLT Datasheet(HTML) 2 Page - Lyontek Inc.

  LY62L2568RL-45SLT Datasheet HTML 1Page - Lyontek Inc. LY62L2568RL-45SLT Datasheet HTML 2Page - Lyontek Inc. LY62L2568RL-45SLT Datasheet HTML 3Page - Lyontek Inc. LY62L2568RL-45SLT Datasheet HTML 4Page - Lyontek Inc. LY62L2568RL-45SLT Datasheet HTML 5Page - Lyontek Inc. LY62L2568RL-45SLT Datasheet HTML 6Page - Lyontek Inc. LY62L2568RL-45SLT Datasheet HTML 7Page - Lyontek Inc. LY62L2568RL-45SLT Datasheet HTML 8Page - Lyontek Inc. LY62L2568RL-45SLT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LY62L2568
Rev. 1.5
256K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 45/55/70ns
Low power consumption:
Operating current : 23/20/18mA (TYP.)
Standby current : 1
μA (TYP.) LL/SL -version
Single 2.7V ~ 3.6V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 1.5V (MIN.)
Green package available
Package : 32-pin 450 mil SOP
32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
36-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY62L2568 is a 2,097,152-bit low power CMOS
static random access memory organized as 262,144
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY62L2568 is well designed for very low power
system applications, and particularly well suited for
battery back-up nonvolatile memory application.
The LY62L2568 operates from a single power
supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
32-pin 600 mil P-DIP
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.) Operating(Icc,TYP.)
LY62L2568
0 ~ 70℃
2.7 ~ 3.6V
45/55/70ns
1µA
23/20/18mA
LY62L2568(E)
-20 ~ 80℃
2.7 ~ 3.6V
45/55/70ns
1µA
23/20/18mA
LY62L2568(I)
-40 ~ 85℃
2.7 ~ 3.6V
45/55/70ns
1µA
23/20/18mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
256Kx8
MEMORY ARRAY
COLUMN I/O
A0-A17
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A17
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - LY62L2568RL-45SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L2568RL-45SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C2008 ALSC-AS6C2008 Datasheet
3Mb / 13P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568 Datasheet
222Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_16 Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com