Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2364 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK2364
Description  Two-way Radio Filterless FM Detector LSI
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2364 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK2364 Datasheet HTML 1Page - Asahi Kasei Microsystems AK2364 Datasheet HTML 2Page - Asahi Kasei Microsystems AK2364 Datasheet HTML 3Page - Asahi Kasei Microsystems AK2364 Datasheet HTML 4Page - Asahi Kasei Microsystems AK2364 Datasheet HTML 5Page - Asahi Kasei Microsystems AK2364 Datasheet HTML 6Page - Asahi Kasei Microsystems AK2364 Datasheet HTML 7Page - Asahi Kasei Microsystems AK2364 Datasheet HTML 8Page - Asahi Kasei Microsystems AK2364 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
[AK2364]
MS1431-E-01
2012/10
- 4 -
4. Circuit Configuration
Block
Description
MIX
2nd-mixer to convert the input signal down to 450Hz.
AGC+BPF
The circuit composed of AGC and BPF, where the desired signal is amplified and
spurious components included in the signal from the 2nd-mixer are eliminated.
Divider
The circuit to divide the signal from LOIN pin and supply BPF with CLK.
LIMTER
The circuit to amplify the signal filtered at the AGC+BPF stage and generate rectangular
wave.
DISCRI
The demodulator circuit with PLL FM detector, where the audio signal is recovered.
LPF
The Low-pass filter to eliminate the noise generated at the DISCRI stage.
Noise AMP
The amplifier to compose the Band-pass filter for noise squelch.
Noise Rectifier
The rectification circuit to detect the noise level.
Comparator
The circuit to compare the noise level with reference voltage level.
RSSI
The circuit to indicate the Received Signal Strength Indicator(RSSI) by generate a DC
voltage corresponding to the input level from LIMITER.
VIREF
The circuit to generate internal reference voltage.
LDO
The circuit to supply 2.7V power for some circuits.
Control Logic
The control register controls the status of internal condition by serial data that consists of
1 instruction bit, 6 address bits and 8 data bits.
Note: When you use AK2364 in AVDD=2.6 to 3.6V operation, VREFA pin is connected to AVDD pin
for power supplying.


Similar Part No. - AK2364

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
   Scrambler IC for two-way radio
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
   Scrambler IC for two-way radio
AK2361 AKM-AK2361 Datasheet
713Kb / 24P
   AK2361
AK2361E AKM-AK2361E Datasheet
734Kb / 25P
   Base-band LSI for European Cordless Telephones (CT1, CT1)
AK2363 AKM-AK2363 Datasheet
495Kb / 33P
   Radio Signaling LSI
More results

Similar Description - AK2364

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Asahi Kasei Microsystem...
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1_13 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com