Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2306 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK2306
Description  ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2306 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK2306 Datasheet HTML 6Page - Asahi Kasei Microsystems AK2306 Datasheet HTML 7Page - Asahi Kasei Microsystems AK2306 Datasheet HTML 8Page - Asahi Kasei Microsystems AK2306 Datasheet HTML 9Page - Asahi Kasei Microsystems AK2306 Datasheet HTML 10Page - Asahi Kasei Microsystems AK2306 Datasheet HTML 11Page - Asahi Kasei Microsystems AK2306 Datasheet HTML 12Page - Asahi Kasei Microsystems AK2306 Datasheet HTML 13Page - Asahi Kasei Microsystems AK2306 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ASAHI KASEI
[AK2306/LV]
MS0093-J-06
10
2012/01
BCLK
PCMデータレートを定めます。128kHz~4.096MHzの範囲の 64KHz x N(N=2~64)のレートに対応できま
す。
PCMデータ入出力チャネル(B1 or B2)の指定
CH0,CH1のPCMデータをB1,B2チャンネルのどちらのタイミングで入出力するか指定します。
以下を参照して
SEL2Bレジスタを設定して下さい。
CH0,CH1入出力チャンネル選択(アドレス:101 Bit:1)
SEL2B
CH0
CH1
備考
0
B1
B2
初期値
1
B2
B1
LongFrame
FS
DX
DR
BCLK
Don’t
care
Don’t care
1
2
3
4
7
8
5
6
1
2
3
4
7
8
5
6
1
2
3
4
7
8
5
6
1
2
3
4
7
8
5
6
B1-CHANNEL (CH0)
B1-CHANNEL (CH1)
B2-CHANNEL (CH1)
B2-CHANNEL (CH0)
SEL2B=0
SEL2B=1
B1 ch
B2 ch
ShortFrame
FS
DX
DR
BCLK
1
2
3
4
7
8
5
6
1
2
3
4
7
8
5
6
Don’t
care
Don’t care
1
2
3
4
7
8
5
6
1
2
3
4
7
8
5
6
B1-CHANNEL (CH0)
B2-CHANNEL (CH1)
B1-CHANNEL (CH0)
B1-CHANNEL (CH1)
B2-CHANNEL (CH1)
B2-CHANNEL (CH0)
SEL2B=0
SEL2B=1
B1 ch
B2 ch
!注意事項 <重要>
全パワーダウン時以外はFSとBCLKを停止しないで下さい。
FSとBCLKのどちらかを停止するとAK2306のPLLは自走周波数で動作します。
この場合、AK2306のRing Tone Generatorの性能は保証されません。


Similar Part No. - AK2306

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2306 AKM-AK2306 Datasheet
469Kb / 38P
   Dual PCM CODEC for ISDN/VoIP TERMINAL ADAPTER
AK2306 AKM-AK2306 Datasheet
887Kb / 36P
   ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2306LV AKM-AK2306LV Datasheet
469Kb / 38P
   Dual PCM CODEC for ISDN/VoIP TERMINAL ADAPTER
AK2306LVM AKM-AK2306LVM Datasheet
887Kb / 36P
   ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
More results

Similar Description - AK2306

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2306LVM AKM-AK2306LVM Datasheet
887Kb / 36P
   ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2303LVM AKM-AK2303LVM Datasheet
955Kb / 40P
   PBX訝삭즳營?궋?듽꺆?겹꺀?ㅳ꺍?ャ꺖?됬뵪竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2301 AKM-AK2301 Datasheet
354Kb / 18P
   3.3V ?룔꺍?겹꺂?곥깵?띲꺂竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com