Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2303LV Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK2303LV
Description  PBX訝삭즳營?궋?듽꺆?겹꺀?ㅳ꺍?ャ꺖?됬뵪竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2303LV Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK2303LV Datasheet HTML 5Page - Asahi Kasei Microsystems AK2303LV Datasheet HTML 6Page - Asahi Kasei Microsystems AK2303LV Datasheet HTML 7Page - Asahi Kasei Microsystems AK2303LV Datasheet HTML 8Page - Asahi Kasei Microsystems AK2303LV Datasheet HTML 9Page - Asahi Kasei Microsystems AK2303LV Datasheet HTML 10Page - Asahi Kasei Microsystems AK2303LV Datasheet HTML 11Page - Asahi Kasei Microsystems AK2303LV Datasheet HTML 12Page - Asahi Kasei Microsystems AK2303LV Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
ASAHI KASEI
[AK2303LV]
MS0117-J-03
9
2012/01
機能説明
AK2303LV はシリアルインターフェースを介して、内部レジスタにアクセスする事が出来ます。
各レジスタについての説明は次項を参照して下さい。
◆レジスタマップ
Bit
11
Bit
10
Bit
9
Bi
t
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
A2
A1
A0
*
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
*
0
0
0
GA0R4
GA0R3
GA0R2
GA0R1
GA0R0
0
0
1
*
0
0
0
GA1R4
GA1R3
GA1R2
GA1R1
GA1R0
0
1
0
*
0
0
0
GA0T4
GA0T3
GA0T2
GA0T1
GA0T0
0
1
1
*
0
0
0
GA1T4
GA1T3
GA1T2
GA1T1
GA1T0
1
0
0
*
ALAWN
SEL2B
PCMIF
MTCH1
MTCH0
PD
PDCH1
PDCH0
1
0
1
*
CLKSEL1
CLKSEL0
-
TS4
TS3
TS2
TS1
TS0
1
1
0
*
Reserved
1
1
1
*
Reserved


Similar Part No. - AK2303LV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2303LV AKM-AK2303LV Datasheet
559Kb / 41P
   Dual PCM CODEC for PBX Analog Line Card
More results

Similar Description - AK2303LV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2306VM AKM-AK2306VM Datasheet
893Kb / 36P
   ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2306LVM AKM-AK2306LVM Datasheet
887Kb / 36P
   ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2301 AKM-AK2301 Datasheet
354Kb / 18P
   3.3V ?룔꺍?겹꺂?곥깵?띲꺂竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com