Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2301 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK2301
Description  3.3V ?룔꺍?겹꺂?곥깵?띲꺂竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2301 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK2301 Datasheet HTML 3Page - Asahi Kasei Microsystems AK2301 Datasheet HTML 4Page - Asahi Kasei Microsystems AK2301 Datasheet HTML 5Page - Asahi Kasei Microsystems AK2301 Datasheet HTML 6Page - Asahi Kasei Microsystems AK2301 Datasheet HTML 7Page - Asahi Kasei Microsystems AK2301 Datasheet HTML 8Page - Asahi Kasei Microsystems AK2301 Datasheet HTML 9Page - Asahi Kasei Microsystems AK2301 Datasheet HTML 10Page - Asahi Kasei Microsystems AK2301 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ASAHI KASEI
[
AK2301]
<MS0416-J-02>
7
2013/05
Interface Timing
MSB
23
456
7
MSB
23
456
7
BCLK
FS
DX
DR
t
FB
t
RB
t
BD
t
BD
1/f
PB
t
SFB
t
HBFL
t
HBF
t
DZFL
t
SDB
t
HBD
t
DBD
t
DZC
FS
1/f
PF
t
WFSL
8
8
t
DZC
t
DZC
(C)
(A)
(B)
図1. Long Frame
MSB
2
3
4
5
6
7
MSB
2
3
4
5
6
7
BCLK
FS
DX
DR
t
FB
t
RB
t
BD
t
BD
1/f
PB
t
SFB
t
SFBS
t
HBF
t
SDB
t
HBD
t
DBD
t
HBFS
t
DBD
t
DZC
8
8
図2. Short Frame


Similar Part No. - AK2301

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
   3.3V Single channel PCM CODEC LSI
AK2301BX AKM-AK2301BX Datasheet
372Kb / 23P
   3.3V Linear PCM CODEC LSI with PLL & Voltage Detector
More results

Similar Description - AK2301

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2306VM AKM-AK2306VM Datasheet
893Kb / 36P
   ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2306LVM AKM-AK2306LVM Datasheet
887Kb / 36P
   ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2303LVM AKM-AK2303LVM Datasheet
955Kb / 40P
   PBX訝삭즳營?궋?듽꺆?겹꺀?ㅳ꺍?ャ꺖?됬뵪竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com