Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK1590 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK1590
Description  1GHz Delta-Sigma Fractional-N Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1590 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK1590 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1590 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1590 Datasheet HTML 9Page - Asahi Kasei Microsystems AK1590 Datasheet HTML 10Page - Asahi Kasei Microsystems AK1590 Datasheet HTML 11Page - Asahi Kasei Microsystems AK1590 Datasheet HTML 12Page - Asahi Kasei Microsystems AK1590 Datasheet HTML 13Page - Asahi Kasei Microsystems AK1590 Datasheet HTML 14Page - Asahi Kasei Microsystems AK1590 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
[AK1590]
MS1478-E-01
11
2013/2
8. Block Functional Descriptions
1. Frequency Setup
AK1590 is a Fractional-N type synthesizer that takes 2
18 as the denominator, which calculates the integer and numerator
to be set using the following formulas:
Frequency setting = FPFD × (Integer + Numerator / 2
18)
Integer = ROUND (Target Frequency / FPFD)
Numerator = ROUND {(Target Frequency
– Integer × FPFD) / (FPFD / 2
18)}
Note)
ROUND: Rounded off to the nearest integer
FPFD : Phase Frequency Detector comparative Frequency (= [REFIN] input frequency / R divider ratio)
Calculation examples
Example 1)
The numerator is positive; when the target frequency is 950.0375MHz and FPFD is 1MHz.
Integer = 950.0375MHz / 1MHz = 950.0375
It is rounded off to 950 (decimal) = 3B6 (hexadecimal) = 0011 1011 0110 (binary)
Numerator = (950.0375MHz - 950 × 1MHz) / (1MHz / 2
18) = 9830.4
It is rounded off to 9830 (decimal) = 2666 (hexadecimal) = 10 0110 0110 0110 (binary)
Frequency setting =1MHz × (950 + 9830 / 2
18) = 950.0374985MHz
(In this case the frequency error is 1.5Hz.)
Example 2)
The numerator is negative; when the target frequency is 950.550MHz and FPFD is 1MHz.
Integer = 950.550MHz / 1MHz = 950.550
It is rounded off to 951 (decimal) = 3B7 (hexadecimal) = 0011 1011 0111 (binary)
Numerator = (950.550MHz - 951 × 1MHz) / (1MHz / 2
18) = -117964.8
It is rounded off to -117965 (decimal), which is reduced from 2
18 to be converted into
binary for 2's complementary expression.
2
18 - 117965 (decimal) = 144179 (decimal) = 23333 (hexadecimal) = 10 0011 0011 0011
0011 (binary)
Frequency setting =1MHz × (951 + (-117965/2
18)) = 950.5499992MHz
(In this case the frequency error is 0.8Hz.)
Calculation of
2’s complement representation
1)
Positive number:
Binary expression (Unmanipulated)
exp. 100 (decimal)
64 (hexadecimal) = 110 0100 (binary)
2)
Negative number:
2
18 minus this number in binary expression
exp.
–100 (decimal)
2
18 - 100 = 262044 (decimal) = 3FF9C (hexadecimal) = 11 1111 1111 1001 1100 (binary)


Similar Part No. - AK1590

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1594 AKM-AK1594 Datasheet
1Mb / 52P
   Bluetooth Low Energy transmitter
AK1599V AKM-AK1599V Datasheet
1Mb / 41P
   RF Transmitter for Satellite Communication
More results

Similar Description - AK1590

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
AK1543 AKM-AK1543 Datasheet
840Kb / 35P
   1300MHz Delta-Sigma FractionalSigma -N Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150 Datasheet
357Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
MAX2150 MAXIM-MAX2150_06 Datasheet
350Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Rev 3; 3/06
logo
NXP Semiconductors
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
logo
Peregrine Semiconductor...
PE9763 PEREGRINE-PE9763 Datasheet
290Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
List of Unclassifed Man...
PE97632 ETC1-PE97632 Datasheet
362Kb / 16P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE9763 PSEMI-PE9763 Datasheet
353Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
PE97632 PSEMI-PE97632 Datasheet
435Kb / 15P
   3.5 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com