Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK1575 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK1575
Description  Up Converter Mixer with Fractional-N Frequency Synthesizer and VCO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1575 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK1575 Datasheet HTML 1Page - Asahi Kasei Microsystems AK1575 Datasheet HTML 2Page - Asahi Kasei Microsystems AK1575 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1575 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1575 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1575 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1575 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1575 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1575 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
[AK1575]
MS1552-E-00
5
2013/8
No
Name
I/O
Pin function
Power
Down
Remarks
30
TEST1
DI
Test enable
A logic low on this pin test mode the
device.
Pull Down
Schmidt trigger input
31
TEST2
DI
Test enable
A logic low on this pin test mode the
device.
Pull Down
Schmidt trigger input
32
REFIN
AI
Reference Input
Note 1)
The exposed pad at the center of the backside should be connected to ground.
The following table shows the meaning of abbreviations used in the “I/O” column above.
AI:Analog input pin
AO:Analog output pin
AIO:Analog I/O pin
DI:Digital input pin
DO:Digital output pin
P: Power supply pin
G:Ground pin
2. Pin Assignments
32pin QFN (0.5mm pitch, 5mm x 5mm)
Fig. 2
Package Pin Layout (Top View)
1
2
3
4
5
6
7
8
32
25
26
27
28
29
30
31
16
15
14
13
12
11
10
9
24
23
22
21
20
19
18
17
33


Similar Part No. - AK1575

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1572 AKM-AK1572 Datasheet
1Mb / 35P
   Down Converter Mixer with Fractional-N Frequency Synthesizer and VCO
AK1573 AKM-AK1573 Datasheet
1Mb / 42P
   Low Noise Integrated VCO
AK1574 AKM-AK1574 Datasheet
2Mb / 66P
   46.875-1682.5MHz Fractional-N PLL with integrated VCO and FM/FSK modulator
More results

Similar Description - AK1575

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1572 AKM-AK1572 Datasheet
1Mb / 35P
   Down Converter Mixer with Fractional-N Frequency Synthesizer and VCO
logo
Analog Devices
ADRF6655 AD-ADRF6655 Datasheet
1Mb / 44P
   Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
REV. 0
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com